Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4319 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4319
Description  Power over Ethernet - PD converter with 12 V 1 A output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4319 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4319 Datasheet HTML 19Page - STMicroelectronics AN4319 Datasheet HTML 20Page - STMicroelectronics AN4319 Datasheet HTML 21Page - STMicroelectronics AN4319 Datasheet HTML 22Page - STMicroelectronics AN4319 Datasheet HTML 23Page - STMicroelectronics AN4319 Datasheet HTML 24Page - STMicroelectronics AN4319 Datasheet HTML 25Page - STMicroelectronics AN4319 Datasheet HTML 26Page - STMicroelectronics AN4319 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
DocID024885 Rev 1
23/28
AN4319
Support material
28
98
L5
Inductor
0.33
H - NM
LPS4012-331L
Coilcraft
99
Q1
MOSFET
STS4NF100
SO8
STMicroelectronics
100
Q2
MOSFET
FDN86246
SOT23
Fairchild
101
Q3
Transistor
NM
SOT23
Several
102
Q4
MOSFET
NM
SOT23-6L
103
Q5
MOSFET
NM
SO8
104
Q6
MOSFET
NM
DPAK
105
Q7
MOSFET
NM
SOT-223
106
R1
Resistor
15 K
R0805
Several
107
R2
Resistor
47 K
R0805
Several
108
R3
Resistor
47 K
R0805
Several
109
R4
Resistor
470 K
R0805
Several
110
R5
Resistor
15 K
R0805
Several
111
R6
Resistor
NM
R1206
Several
112
R7
Resistor
NM
R1206
Several
113
R8
Resistor
10 k
R0603
Several
114
R9
Resistor
NM
R0603
Several
115
R10
Resistor
10 k
R0603
Several
116
R11
Resistor
52.3
- 1%
R0805
Several
117
R12
Resistor
NM
R0603
Several
118
R13
Resistor
22.1 K
- 1%
R0603
Several
119
R14
Resistor
10
R0603
Several
120
R15
Resistor
0
R0805
Several
121
R16
Resistor
0
R0805
Several
122
R17
Resistor
124 K
 - 1%
R0603
Several
123
R18
Resistor
NM
R0603
Several
124
R19
Resistor
100 R
R0603
Several
125
R20
Resistor
10 K
R0603
Several
126
R21
Resistor
NM
R0603
Several
127
R22
Resistor
NM
R0603
Several
128
R23
Resistor
0
R0805
Several
129
R24
Resistor
75
R0805
Several
130
R25
Resistor
56
R0805
Several
131
R26
Resistor
NM
R1206
Several
132
R27
Resistor
75
R0805
Several
Table 5. Bill of material (general) (continued)
Item Reference
Description
Value
PCB footprint
Supplier
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com