Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4319 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4319
Description  Power over Ethernet - PD converter with 12 V 1 A output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4319 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4319 Datasheet HTML 17Page - STMicroelectronics AN4319 Datasheet HTML 18Page - STMicroelectronics AN4319 Datasheet HTML 19Page - STMicroelectronics AN4319 Datasheet HTML 20Page - STMicroelectronics AN4319 Datasheet HTML 21Page - STMicroelectronics AN4319 Datasheet HTML 22Page - STMicroelectronics AN4319 Datasheet HTML 23Page - STMicroelectronics AN4319 Datasheet HTML 24Page - STMicroelectronics AN4319 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
DocID024885 Rev 1
21/28
AN4319
Support material
28
35
C37
Ceramic capacitor
470 pF - NM
C0805
Several
50 V
36
C38
Ceramic capacitor
22
F
C1206
TDK C3216X5R1E226M
16 V
37
C39
Ceramic capacitor
22
F - NM
C1206
TDK C3216X5R1E226M
16 V
38
C40
Ceramic capacitor
22
F - NM
C1206
TDK C3216X5R1E226M
16 V
39
C41
Ceramic capacitor
22
F
C1206
TDK C3216X5R1E226M
16 V
40
C42
Ceramic capacitor
1
F - NM
C0603
Several
16 V
41
C43
Ceramic capacitor
22
F - NM
C1206
TDK C3216X5R1E226M
16 V
42
C44
Ceramic capacitor
22
F-NM
C1206
TDK C3216X5R1E226M
16 V
43
C45
Ceramic capacitor
10 nF-NM
C0603
Several
50 V
44
C46
Ceramic capacitor
22
F-NM
C1206
TDK C3216X5R1E226M
16 V
45
C47
Ceramic capacitor
22
F
C1206
TDK C3216X5R1E226M
16 V
46
C48
Ceramic capacitor
1
F
C0603
TDK C1608X5R1E105K
16 V
47
C49
Ceramic capacitor
22
F - NM
C1206
TDK C3216X5R1E226M
16 V
48
C50
Ceramic capacitor
22
F - NM
C1206
TDK C3216X5R1E226M
16 V
49
C51
Ceramic capacitor
22 nF
C0603
Several
50 V
50
C52
Electrol. capacitor
330
F - NM
C-POL8-6_3
Panasonic
EEEFK1C331P
16 V
51
C53
Electrol. capacitor
330
F
C-POL8-6_3
Panasonic
EEEFK1C331P
16 V
52
C54
Ceramic capacitor
100 pF
C0603
Several
50 V
53
C55
Ceramic capacitor
0.1
F - NM
C0603
Several
50 V
54
C56
Ceramic capacitor
0.1
F - NM
C0603
Several
50 V
55
D1
Diode
NM
SMA
Several
56
D2
Diode
NM
SMA
Several
57
D3
Diode bridge
DF01S
DF01S
Diodes
58
D4
Diode bridge
HD01-NM
HD01
Diodes
59
D5
Zener diode
BZX84C10
SOT23
Several
60
D6
Diode
NM
SMA
Several
61
D7
Diode
NM
SMA
Several
62
D8
Diode
NM
SMA
Several
63
D9
Diode
NM
SMA
Several
64
D10
Diode bridge
DF01S
DF01S
Diodes
65
D11
Diode bridge
HD01 - NM
HD01
Diodes
66
D12
Diode
NM
SMA
Several
67
D13
Diode
NM
SMA
Several
Table 5. Bill of material (general) (continued)
Item Reference
Description
Value
PCB footprint
Supplier
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com