Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4319 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4319
Description  Power over Ethernet - PD converter with 12 V 1 A output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4319 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4319 Datasheet HTML 3Page - STMicroelectronics AN4319 Datasheet HTML 4Page - STMicroelectronics AN4319 Datasheet HTML 5Page - STMicroelectronics AN4319 Datasheet HTML 6Page - STMicroelectronics AN4319 Datasheet HTML 7Page - STMicroelectronics AN4319 Datasheet HTML 8Page - STMicroelectronics AN4319 Datasheet HTML 9Page - STMicroelectronics AN4319 Datasheet HTML 10Page - STMicroelectronics AN4319 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
DocID024885 Rev 1
7/28
AN4319
Electrical diagram and bill of material for 12 V at 1 A
28
64
R15
Resistor
0
R0805
Several
65
R16
Resistor
0
R0805
Several
66
R17
Resistor
124 k
- 1%
R0603
Several
67
R19
Resistor
510
R0603
Several
68
R20
Resistor
10 k
R0603
Several
69
R23
Resistor
0
R0805
Several
70
R24
Resistor
75
R0805
Several
71
R25
Resistor
56
R0805
Several
72
R27
Resistor
75
R0805
Several
73
R29
Resistor
75
R0805
Several
74
R31
Resistor
75
R0805
Several
75
R32
Resistor
100
R0603
Several
76
R33
Resistor
10 k
R0603
Several
77
R35
Sense resistor
0.33
- 1%
R1206
Vishay -
RCWE1206R330FKE
78
R36
Resistor
2.2 K
R0603
Several
79
R37
Resistor
0
R0603
Several
80
R43
Resistor
0
R0805
Several
81
R44
Resistor
0
R1206
Several
82
R47
Resistor
0
R1206
Several
83
R48
Resistor
2.2 K
R0603
Several
84
R50
Resistor
10
R0603
Several
85
R51
Resistor
10 K
- 1%
R0603
Several
86
R52
Resistor
100 K
- 1%
R0603
Several
87
R54
Resistor
10 K
R0603
Several
88
R55
Resistor
21 k
 - 1%
R0603
Several
89
R56
Resistor
12.4 k
 - 1%
R0603
Several
90
T1
Data transformer
H2019NL / TLA-
6T127LF
Pulse-H2019
Pulse
91
T3
Power transformer
POE13P-12L
POE13P
Coilcraft
92
TP1
Test point
Red
TH-5013
Keystone
93
TP2
Test point
Black
TH-5013
Keystone
94
TP3
Test point
Red
TH-5013
Keystone
95
TP4
Test point
Black
TH-5013
Keystone
96
TP6
Test point
Red
TH-5013
Keystone
Table 3. Bill of material 12 V at 1 A (continued)
Item
Reference
Description
Value
PCB
footprint
Supplier
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com