Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4319 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4319
Description  Power over Ethernet - PD converter with 12 V 1 A output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4319 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4319 Datasheet HTML 18Page - STMicroelectronics AN4319 Datasheet HTML 19Page - STMicroelectronics AN4319 Datasheet HTML 20Page - STMicroelectronics AN4319 Datasheet HTML 21Page - STMicroelectronics AN4319 Datasheet HTML 22Page - STMicroelectronics AN4319 Datasheet HTML 23Page - STMicroelectronics AN4319 Datasheet HTML 24Page - STMicroelectronics AN4319 Datasheet HTML 25Page - STMicroelectronics AN4319 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Support material
AN4319
22/28
DocID024885 Rev 1
68
D14
Diode
STTH2R02A
SMA
STMicroelectronics
69
D15
Diode
STTH2R02A
SMA
STMicroelectronics
70
D16
Diode
NM
SMA
Several
71
D17
Diode
BAT46J - NM
SOD323
STMicroelectronics
72
D18
TVS diode
SMAJ58A
SMA
STMicroelectronics
73
D19
LED diode
Green LED
LED-TLGE1100B
Toshiba
74
D20
Diode
NM
SMA
Several
75
D21
Diode
BAT46J
SOD323
STMicroelectronics
76
D22
Diode
NM
SMA
Several
77
D23
Diode
BAT46J
SOD323
STMicroelectronics
78
D24
Diode
NM
PFLAT_3_3X3_3-2-pin
79
D25
Diode
NM
SOD128
80
D28
Schottky diode
PMEG6030P
SOD128
NXP
81
D29
Diode
BAT46J - NM
SOD323
STMicroelectronics
82
D30
Diode
BAT46J - NM
SOD323
STMicroelectronics
83
D31
Diode
NM
PFLAT_6X5-3LEADS
84
D33
Diode
NM
SMB
85
D34
Diode
NM
PFLAT_3_3X3_3-2PIN
86
D35
LED diode
Green LED
- NM
LED-TLGE1100B
Toshiba
87
D36
LED diode
Green LED
LED-TLGE1100B
Toshiba
88
J1
Connector
RJ45 data and
power jack
RJ45-8PIN
Several
89
J2
Connector
RJ45 data
jack
RJ45-8PIN
Several
90
J3
Connector
CON3
P-JACK-RAPC722
Switchcraft
91
J4
Connector
CON3
P-JACK-RAPC722
Switchcraft
92
J5
Connector
MOR-10 x
10.5 - P5 -
2-pin - NM
MOR-2POLI-508
Several
93
J6
Connector
MOR-10 x
10.5 - P5 -
2-pin
MOR-2POLI-508
Several
94
L1
Inductor
5.6
H
ME3220
Coilcraft
95
L2
Inductor
0.33
H - NM
DO1813H-331ML
Coilcraft
96
L3
Inductor
0.33
H - NM
LPS4012-331L
Coilcraft
97
L4
Inductor
0.33
H - NM
DO1813H-331ML
Coilcraft
Table 5. Bill of material (general) (continued)
Item Reference
Description
Value
PCB footprint
Supplier
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com