Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4319 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4319
Description  Power over Ethernet - PD converter with 12 V 1 A output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4319 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4319 Datasheet HTML 1Page - STMicroelectronics AN4319 Datasheet HTML 2Page - STMicroelectronics AN4319 Datasheet HTML 3Page - STMicroelectronics AN4319 Datasheet HTML 4Page - STMicroelectronics AN4319 Datasheet HTML 5Page - STMicroelectronics AN4319 Datasheet HTML 6Page - STMicroelectronics AN4319 Datasheet HTML 7Page - STMicroelectronics AN4319 Datasheet HTML 8Page - STMicroelectronics AN4319 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
DocID024885 Rev 1
3/28
AN4319
Main characteristics and circuit description
28
1
Main characteristics and circuit description
The main characteristics (reference and electrical specifications) of the converter are listed
in Table 2.
This document details the characteristics and performances of the PM8800A demonstration
kit STEVAL-TSP003V2 which has been designed to cover a broad range of power over
Ethernet (PoE) applications.
The PM8800A is a highly integrated device embedding an IEEE 802.3af compliant powered
device (PD) interface together with a PWM controller and support for auxiliary sources.
Even though the PM8800A can be configured to work in both isolated and non-isolated
topologies, single or double output; this application note focuses on a low cost isolated
flyback converter topology with diode rectification, 12 V output voltage with up to 1 A output
current capability.
Auxiliary sources can be connected to the board on 2 input connectors. One input (AUX II)
allows prevalence of the auxiliary sources with respect to the PoE, while the other input
(AUX I) allows the usage of a wall adaptor with voltage lower than the internal PoE UVLO
threshold and still benefits from the inherent inrush and DC current limit.
The above mentioned configurations are all supported by the PM8800 demonstration kit as
options on the same PCB. The bill of material (BOM) in Table 3 provides the list of
components to be mounted to obtain a 12 V at 1 A demonstration board.
Table 1. Reference
Reference code
Device
PM8800A
Demonstration board
STEVAL-TSP003V2
Table 2. Electrical specification
Parameter
Specifications
Input voltage supplies VIN [VDC]
From 40 to 60 V at 13 W
Output voltage Vout [VDC]
12 VDC ± 5% at 1 A
Peak-to-peak output ripple
100 mV
Efficiency DC-DC full-load
> 88%
Efficiency overall peak
> 85%
Transient response
Voutpk-pk to 50% load step
< 200 mVpp
V in load line case
< 0.5%
GLOOP bandwidth
3.5 kHz
GLOOP phase margin at 0 dB
105 deg.
GLOOP dB margin at 0 deg.
-10 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com