Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4382 Datasheet(PDF) 52 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 48Page - STMicroelectronics AN4382 Datasheet HTML 49Page - STMicroelectronics AN4382 Datasheet HTML 50Page - STMicroelectronics AN4382 Datasheet HTML 51Page - STMicroelectronics AN4382 Datasheet HTML 52Page - STMicroelectronics AN4382 Datasheet HTML 53Page - STMicroelectronics AN4382 Datasheet HTML 54Page - STMicroelectronics AN4382 Datasheet HTML 55Page - STMicroelectronics AN4382 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
User interface
AN4382
52/70
DocID025437 Rev 1
Default:
none
Example:
gp
9.3.4
gh - get half bridge status
Retrieves the half bridge resonant status.
Syntax:
gh
Parameters:
none
Output:
HB st=0x80 fl=0x0 - s3=61 d0=0 d1=0 Con=65535:0 Ron=61:61
Reports the HB status where:
Note:
All the dump value (d0, d1, Con and Ron field) is correct only if the HB loop is active.
Default:
none
Example:
gh
3
Mon = xx : yy
The minimum (xx) and maximum (yy) value of on-time recorded from the
last “gp” command execution.
T = xx * 10.4 ns
T = yy * 10.4 ns
Moff = xx : yy
The minimum (xx) and maximum (yy) value of off-time recorded from the
last “gp” command execution.
T = xx * 10.4 ns
T = yy * 10.4 ns
on = xx : yy
The minimum (xx) and maximum (yy) value of on-time recorded during the
last AC half-cycle.
T = xx * 10.4 ns
T = yy * 10.4 ns
off = xx : yy
The minimum (xx) and maximum (yy) value of off-time recorded during the
last AC half-cycle.
T = xx * 10.4 ns
T = yy * 10.4 ns
s_t
Reserved
4
L0
Reserved
Table 16. PFC status information (continued)
Line
Parameter
Description
Unit
Table 17. Half bridge status information
Line
Parameter
Description
Value
1
HB
st
Is the HB internal status - see “st” command to understand.
fl
Reserved
s3
Actual on-time (without LEB time)
T = s3 * 10.4 ns
d0
Reserved
d1
Reserved
Con
Reserved
Ron
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com