Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4382 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 18Page - STMicroelectronics AN4382 Datasheet HTML 19Page - STMicroelectronics AN4382 Datasheet HTML 20Page - STMicroelectronics AN4382 Datasheet HTML 21Page - STMicroelectronics AN4382 Datasheet HTML 22Page - STMicroelectronics AN4382 Datasheet HTML 23Page - STMicroelectronics AN4382 Datasheet HTML 24Page - STMicroelectronics AN4382 Datasheet HTML 25Page - STMicroelectronics AN4382 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
ZVS LC resonant stage description
AN4382
22/70
DocID025437 Rev 1
4.2
Protections
The STLUX385A offers several levels of protections:
1.
Output undervoltage protection (UVP): prevents the LC resonant stage from operating
when it's input voltage, i.e. the PFC output capacitor voltage, is at very low voltage.
When an UVP condition arises, the STLUX385A stops the switching activity on the LC
stage until the PFC voltage returns above an acceptable range.
2.
No load: prevents the LC stage to operate while there is no LED string connected. This
protection preserves the resonant output capacitors from being damaged due to
overcharge. When the output capacitors voltage reaches a threshold, the STLUX385A
disables the resonant activity within 50 ns.
3.
Brownout protection: When the AC input voltage drops under 90 V the resonant stage
is disabled at the same time as the PFC.
4.
Short-circuit protection: the STEVAL385LEDPSR demonstration board architecture
ensures that the output current in a short-circuit condition is always limited to the actual
current level configured by the serial, DALI or 0 - 10 interface.
4.3
ZVS LC resonant stage implementation on STLUX385A
Similarly to the PFC stage, the LC resonant stage is driven by the SMED technology
implemented by the STLUX385A. In particular, one SMED is used to control the half bridge
high-side while another SMED controls the low-side. Using two SMEDs gives the
STLUX385A full control over the half bridge conduction and deadtimes.
An additional PWM (SMED2) is used to feed a low-pass filter and generate a high precision
signal with 12-bit resolution. The signal is monitored via ADC1 and continuously adjusted to
compensate for the external circuit tolerance.
Table 3
shows the STLUX385A inputs and outputs used to control the resonant stage.
Table 3. List of STLUX385A pins used by the ZVS LC stage
Pin
Description
PWM0
PWM driving the half bridge low side MOSFET. The output is generated by SMED0.
PWM1
PWM driving the half bridge high side MOSFET. The output is generated by SMED1.
PWM2
Used to generate a high precision reference with 12 bit resolution. PWM2 is the input to an external low-
pass filter which generates the reference.
PWM3
Used for synchronization.
DIGIN5 Used for synchronization.
CPP3
Monitors the current on half bridge.
CPM3
Input of the high precision reference
CPP1
Monitor for no load conditions. The half bridge operation is stopped when there is no load.
ADC1
Monitor for the high precision reference.
ADC2
Samples the scaled reflected voltage from the transformer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com