Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4382 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 42Page - STMicroelectronics AN4382 Datasheet HTML 43Page - STMicroelectronics AN4382 Datasheet HTML 44Page - STMicroelectronics AN4382 Datasheet HTML 45Page - STMicroelectronics AN4382 Datasheet HTML 46Page - STMicroelectronics AN4382 Datasheet HTML 47Page - STMicroelectronics AN4382 Datasheet HTML 48Page - STMicroelectronics AN4382 Datasheet HTML 49Page - STMicroelectronics AN4382 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
User interface
AN4382
46/70
DocID025437 Rev 1
9.3
Serial command
This section describes the terminal interface line available on the STLUX385A device. The
serial line allows the configuration of the operating condition, including the current level
(dimming). It also allows to enquire the board status and the value of application
parameters.
This section shows a list of commands available via the serial interface according to the
STEVAL385LEDPSR demonstration board firmware version V3R28.
The STLUX385A command line interface is accessible via a standard terminal utility
installed on the user's PC.
The serial (TTL 0 - 3.3 V) cable is provided together with the demonstration board. The on-
board connector is identified as UART I/F. The serial line uses only three lines: GND, TX,
RX plus power and ground derived from USB interfaces. The predefined baud rate is
115200, no parity, 8-bit, 1 stop bit, no handshake. The user should identify the PC COM line
number. The PC will also install the serial COM drivers as soon as the cable is connected. If
the driver is not installed or for other problems please call your IT support.
During the power-up and reset the STLUX385A transmits the following strings to the serial
line.
Figure 19. Power-up message
The message is used to verify that the link between the PC and the STLUX385A device is
up and that the correct baud rate is selected. Also the following information is displayed:
•
The string “V3R28” reports the firmware version (3) and revision (28).
•
Firmware time and the date.
•
Options currently enabled. In this example the PFC, the resonant stage (HB) and the
DALI interface are enabled.
•
“Ready” appears when the STLUX385A is ready to receive a command.
EVAL STLUX385-PSR-ZVS V3R28
Build Oct 16 2013 13:44:22 core is 385A ok
Option PFC HB Dali R enabled
Ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com