Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4382 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 33Page - STMicroelectronics AN4382 Datasheet HTML 34Page - STMicroelectronics AN4382 Datasheet HTML 35Page - STMicroelectronics AN4382 Datasheet HTML 36Page - STMicroelectronics AN4382 Datasheet HTML 37Page - STMicroelectronics AN4382 Datasheet HTML 38Page - STMicroelectronics AN4382 Datasheet HTML 39Page - STMicroelectronics AN4382 Datasheet HTML 40Page - STMicroelectronics AN4382 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
90
5
R1, R2, R48,
R72, R76
1 K
Ω
RESC-0603
Vishay
CRCW06031K00FKEA
91
1
R3
9.1 K
Ω
RESC-0603
1%
Panasonic
ERJP03F9101V
92
1
R4
5.6 K
Ω
RESC-0603
1%
Panasonic
ERJP03F5601V
93
1
R22
4.7 K
Ω
RESC-0603
Bourns
CR0603-JW-472ELF
93
1
R15
10 K
Ω
RESC-0603
94
3
R16, R18, R21 68 K
Ω
RESC-0603
Panasonic
ERJ3GEYJ683V
95
1
R17
390
Ω
RESC-0603
Panasonic
ERJ3GEYJ391V
96
1
R19
1
Ω
RES-900X320-P15-1W2
RS
738-2504
97
1
R20
1.2 K
Ω
RESC-0603
RS
RS-0603-1k2-5%-0.1W
98
1
R23
2.2 K
Ω
RESC-0603
N. M.
99
2
R26, R95
47 K
Ω
RESC-0805
N. M.
100
3
R27, R30, R57 10
Ω
RESC-0805
Bourns
CR0805-FX-10R0GLF
101
3
R28, R97, R99 12 K
Ω
RESC-0603
1%
RS
RS-0603-12k-1%-0.1W
102
1
R29
3.9 K
Ω
RESC-0603
103
1
R34
220
Ω
RESC-0603
RS
RS-0603-220R-5%-0.1W
104
2
R36, R37
2R4
RESC-2512
1% 1 W
Panasonic
ERJ1TRQF2R4U
105
3
R40, R47, R53 330 K
Ω
RESC-1206
TE Connectivity
CRG1206F330K
106
6
R41, R42, R43,
R46, R52, R55
2.2 M
Ω
RESC-1206
1%
107
2
R44, R58
18 K
Ω
RESC-1206
0.1%
108
2
R45, R59
10
Ω N. M.
RESC-0805
N. M.
109
2
R49, R50
0.39
Ω
RESC-2512
1% 1 W
Panasonic
ERJ1TRQFR39U
110
1
R54
68 K
Ω N. M.
RESC-0603
N. M.
111
1
R56
10 K
Ω N. M.
RESC-0603
N. M.
Table 5. Bill of material (continued)
Item Qty.
Reference
Part
PCB footprint
Note
Manuf.
Part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com