Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4382 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 17Page - STMicroelectronics AN4382 Datasheet HTML 18Page - STMicroelectronics AN4382 Datasheet HTML 19Page - STMicroelectronics AN4382 Datasheet HTML 20Page - STMicroelectronics AN4382 Datasheet HTML 21Page - STMicroelectronics AN4382 Datasheet HTML 22Page - STMicroelectronics AN4382 Datasheet HTML 23Page - STMicroelectronics AN4382 Datasheet HTML 24Page - STMicroelectronics AN4382 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
DocID025437 Rev 1
21/70
AN4382
ZVS LC resonant stage description
70
of the peak is therefore dependent on the propagation delay (~200 ns) generated by the
driver and the MOSFET gate capacitance. An internal fixed STLUX385A delay shall be also
considered (< 50 ns).
Given that the propagation time depends from the final board construction, the use shall
measure the final propagation time and use the “dt” command to program the application
specific propagation time.
4.1.4
Transformer output voltage
Transformer XF can be realized using a center tapped secondary side winding or a single
ended secondary side. The structure of this component and the relevant rectifiers are
shown in Figure 10.
Figure 10. ZVS output circuits
The transformer used in the STEVAL385LEDPSR demonstration board is configured as
center tapped.
In order to change the output from the default 100 V (max 1 A) to 200 (max 0.5 A), the user
shall perform the following steps:
Mount the D42 and D43 with the 2 x STTH3R06S (SMC package)
Remove the R102.
Note:
The STTH3R06S component are not included in the STEVAL385LEDPSR demonstration
board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com