Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4382 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 19Page - STMicroelectronics AN4382 Datasheet HTML 20Page - STMicroelectronics AN4382 Datasheet HTML 21Page - STMicroelectronics AN4382 Datasheet HTML 22Page - STMicroelectronics AN4382 Datasheet HTML 23Page - STMicroelectronics AN4382 Datasheet HTML 24Page - STMicroelectronics AN4382 Datasheet HTML 25Page - STMicroelectronics AN4382 Datasheet HTML 26Page - STMicroelectronics AN4382 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
DocID025437 Rev 1
23/70
AN4382
ZVS LC resonant stage description
70
Figure 11. Half bridge logical implementation
The control stage algorithm of the half bridge resonator makes sure that the half bridge is
always driven at the correct frequency so that the amount of current sensed (CPP3)
matches the target current (Iref) as selected by the user via the DALI, UART or the 0/10
interface.
The high precision signal generated by the PWM2 is used as a comparison with the actual
current.
The control loop bandwidth is 10 KHz. The minimum allowed frequency is 70 KHz and
maximum frequency is 400 KHz.
The STLUX385A limits the resonant output current increases or decreases rate to
a maximum of 300 mA /second, in order to preserve both the output capacitors and the LED
string.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com