Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4382 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 9Page - STMicroelectronics AN4382 Datasheet HTML 10Page - STMicroelectronics AN4382 Datasheet HTML 11Page - STMicroelectronics AN4382 Datasheet HTML 12Page - STMicroelectronics AN4382 Datasheet HTML 13Page - STMicroelectronics AN4382 Datasheet HTML 14Page - STMicroelectronics AN4382 Datasheet HTML 15Page - STMicroelectronics AN4382 Datasheet HTML 16Page - STMicroelectronics AN4382 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
DocID025437 Rev 1
13/70
AN4382
PFC stage
70
3.3
Implementation on STLUX385A
The PFC stage is implemented exploiting the SMED technology used in the STLUX385A. In
particular, two SMEDs, used in a coupled mode, are used to drive a single PWM output
connected to the PFC MOSFET.
In Table 1 is the list of the STLUX385A inputs and outputs used for the PFC stage:
Figure 6 offers a system view on STLUX385A PFC implementation:
Figure 6. PFC logical implementation
The STLUX385A embeds the algorithms used to control the PFC behavior by regulating the
PWM switching frequency. The correct switching parameters (Ton, Toff) are calculated
starting from the PFC output voltage.
The system calculates the difference between the actual (ADC0) and the target (Vref) PFC
output voltage. The error is firstly filtered by a 5 Hz low-pass filter obtaining a dynamic gain
factor ranging from 1 x to 6 x. Every 100
μs, the new working parameters (Ton or Toff,
depending on the load condition) are calculated by adding the error, amplified by the gain, to
the current parameters. The output voltage is filtered by a 200 ms moving average window
Table 1. List of STLUX385A pins used by the PFC stage
Pin
Description
PWM5
Used as a PWM for the PFC MOSFET. It is internally driven by the SMED4 and SMED5
CPP0
Input for OVP protection
CPP2
Senses the current during Ton time
ADC0
PFC output voltage measurement
ADC3
Input voltage, phase and frequency measurement
DGIN3
“Zero Current Detection” input
DGIN2
Input THD optimizer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com