Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4382 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN4382
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4382 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN4382 Datasheet HTML 41Page - STMicroelectronics AN4382 Datasheet HTML 42Page - STMicroelectronics AN4382 Datasheet HTML 43Page - STMicroelectronics AN4382 Datasheet HTML 44Page - STMicroelectronics AN4382 Datasheet HTML 45Page - STMicroelectronics AN4382 Datasheet HTML 46Page - STMicroelectronics AN4382 Datasheet HTML 47Page - STMicroelectronics AN4382 Datasheet HTML 48Page - STMicroelectronics AN4382 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
DocID025437 Rev 1
45/70
AN4382
User interface
70
Please refer to the DALI extension manual on www.dali-ag.org (IEC 62386-207) for more
details on the standard.
Table 13. IEC62386 part 207 - command extension
Command number
Command code
Mnemonic command name
224
YAAA AAA1 1110 0000
REFERENCE SYSTEM POWER
225
YAAA AAA1 1110 0001
ENABLE CURRENT PROTECTOR - not implemented
226
YAAA AAA1 1110 0010
DISABLE CURRENT PROTECTOR - not implemented
227
YAAA AAA1 1110 0011
SELECT DIMMING CURVE
228
YAAA AAA1 1110 0100
STORE DTR AS FAST FADE TIME
237
YAAA AAA1 1110 1101
QUERY GEAR TYPE
238
YAAA AAA1 1110 1110
QUERY DIMMING CURVE
239
YAAA AAA1 1110 1111
QUERY POSSIBLE OPERATING MODES
240
YAAA AAA1 1111 0000
QUERY FEATURES
241
YAAA AAA1 1111 0001
QUERY FAILURE STATUS
242
YAAA AAA1 1111 0010
QUERY SHORT-CIRCUIT
243
YAAA AAA1 1111 0011
QUERY OPEN CIRCUIT
244
YAAA AAA1 1111 0100
QUERY LOAD DECREASE
245
YAAA AAA1 1111 0101
QUERY LOAD INCREASE
246
YAAA AAA1 1111 0110
QUERY CURRENT PROTECTOR ACTIVE
247
YAAA AAA1 1111 0111
QUERY THERMAL SHUT DOWN - not implemented
248
YAAA AAA1 1111 1000
QUERY THERMAL OVERLOAD - not implemented
249
YAAA AAA1 1111 1001
QUERY REFERENCE RUNNING - not implemented
250
YAAA AAA1 1111 1010
QUERY REFERENCE MEASUREMENT FAILED
251
YAAA AAA1 1111 1011
QUERY CURRENT PROTECTOR ENABLED
252
YAAA AAA1 1111 1100
QUERY OPERATING MODE
253
YAAA AAA1 1111 1101
QUERY FAST FADE TIME
254
YAAA AAA1 1111 1110
QUERY MIN FAST FADE TIME
255
YAAA AAA1 1111 1111
QUERY EXTENDED VERSION NUMBER
272
1100 0001 0000 0110
ENABLE DEVICE TYPE 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com