Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4461 Datasheet(PDF) 67 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 62Page - STMicroelectronics AN4461 Datasheet HTML 63Page - STMicroelectronics AN4461 Datasheet HTML 64Page - STMicroelectronics AN4461 Datasheet HTML 65Page - STMicroelectronics AN4461 Datasheet HTML 66Page - STMicroelectronics AN4461 Datasheet HTML 67Page - STMicroelectronics AN4461 Datasheet HTML 68Page - STMicroelectronics AN4461 Datasheet HTML 69Page - STMicroelectronics AN4461 Datasheet HTML 70Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 67 / 70 page
background image
DocID026130 Rev 2
67/70
AN4461
Firmware download procedure
70
11
Firmware download procedure
Danger:
High voltage is present on the PSR-ZVS demonstration
board.
Caution:
Users must take care about relevant safety procedure before handling the board, even
before initiating a firmware upgrade.
The firmware upgrade procedure requires the STM8_pgm.exe program provided by
Raisonance. The user shall install the Raisonance RIDE 7 tool. Please refer to
www.raisonance.com.
The new firmware is normally provided into a zipped file containing:
•
Firmware (stlux385_PSR_ZVS_V3Rxx.hex file, where the final “xx” refers to the
release number)
•
Batch file (program.bat)
The batch file instruments the “STM8_pgm.exe” program to erase and program the new
firmware to the STLUX385A. The batch file also verifies that the download was successful.
The following steps shall be performed:
1.
Modify the “program.bat” batch file to map the current STM8_pgm.exe location.
2.
Use an isolated power supply and apply 14 V (+/- 0.5 V) via TP31 (+14 V) and TP25
(GND) without any other power voltage (especially on the AC power line). This
condition guarantees the safest firmware upload condition for both the user and the
board.
3.
Use the “program.bat” procedure. The result of this action is shown in Figure 29:
Figure 29. Program.bat screenshot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com