Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4461 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 24Page - STMicroelectronics AN4461 Datasheet HTML 25Page - STMicroelectronics AN4461 Datasheet HTML 26Page - STMicroelectronics AN4461 Datasheet HTML 27Page - STMicroelectronics AN4461 Datasheet HTML 28Page - STMicroelectronics AN4461 Datasheet HTML 29Page - STMicroelectronics AN4461 Datasheet HTML 30Page - STMicroelectronics AN4461 Datasheet HTML 31Page - STMicroelectronics AN4461 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
Figure 14. PSR-ZVS demonstration board schematic - PSR-ZVS stage
SELV ISOLATED ZONE 1
ADC-3
CPP-3
Center
GND point
OVP
1A@100V out
0.5A@200V out
PWM2
S_A1
S_A0
HIGH_SIDE
LOW_SIDE
HB
S_A0
S_A1
D_CH0
VSEC
D_CH0
LLC_CN
CurSens
SGND0
SGND0
VSEC
S_A0
S_A1
REF_OUT
REF_OUT
HIGH_SIDE
LOW_SIDE
PWM2
LLC_CN
S_CH0
VD_14
P1GND
400V
P1GND
VD_14
P1GND
SGND
SGND
GND
GND
P1GND
SGND
GND
GND P1GND
GND
P1GND
GND
GND
GND
SGND
SGND
SGND
P1GND
400V
R34
220R
C28
150nF
275Vac
RS-334-855
R88
1M
C27
100nF
R30
10R
+
C29
10uF
RS-751-1119
350V
D14
MMSD4148T1G
U10
L6388ED
VBOOT
8
GND
4
HIN
2
VCC
3
OUT
6
HVG
7
LVG
5
LIN
1
C37
1nF
2KV
R27
10R
C34
680pF
D12 STTH3R06
1
2
R36
2R4
RS-721-6303
1% 1W
R92
56K
D13
B6S-E3/80
RS-700-5380
4
1
3
2
T1
250uH
D11 MMSD4148T1G
D42
STTH3R06
1
2
Q11
1
C30
100nF
Q10
STD13N60M2
1
J4
CH0
1
2
C81
150nF
275Vac
RS-334-855
D37 STTH3R06
1
2
D34
BAT54J
D41
MMSZ5V1T1G
5.1V 0.25W
D43
STTH3R06
1
2
L9
SLD0608220
C26
100nF
D7
B6S-E3/80
RS-700-5380
4
1
3
2
R29
3.9K
C78
220n
D10
STTH1L06
R28
12K
DIMM
Digital Dimming
PWM2
S_A0
S_A1
VSEC
SGND0
R37
2R4
RS-721-6303
1% 1W
T2
TRANSFORMER CT
3
12
10
5
9
7
6
11
C36
1nF
2KV
+
C79
10uF
RS-751-1119
350V
R102
0R
R93
1M
AM03424
STD13N60M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com