Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4461 Datasheet(PDF) 49 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 45Page - STMicroelectronics AN4461 Datasheet HTML 46Page - STMicroelectronics AN4461 Datasheet HTML 47Page - STMicroelectronics AN4461 Datasheet HTML 48Page - STMicroelectronics AN4461 Datasheet HTML 49Page - STMicroelectronics AN4461 Datasheet HTML 50Page - STMicroelectronics AN4461 Datasheet HTML 51Page - STMicroelectronics AN4461 Datasheet HTML 52Page - STMicroelectronics AN4461 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
DocID026130 Rev 2
49/70
AN4461
User interface
70
9.3.2
st - status
The command reports the actual demonstration board status. This command reports all the
main internal variables, flags and the status of the board. The values are reported as
sampled when the “st” command is executed.
Syntax: st
Parameters:
none
Output:
PSR-ZVS status is 0:2
Vin Vi = 677 Vp = 695 Vmin = 30 Vmax = 695 freq = 99
PFC st = 0x1 Vo = 903 S0 = 51 S3 = 124 maxon = 480 I = 8
HB st = 0x3 Z = 0 S0 = 33 S3 = 445 dt = 30 O0 L = 569 H = 569
PW2 ta = 3450 re = 3446 now = 3450 O1:0 dump = 37 ndump = 0 tz = 0x25
Table 15. Status information
Line Parameter
Description
Unit conversion
1
/
The first line (PSR-ZVS) reports the last error value
-
is
“0” in the example is the last error; “2” is last total number of errors
starting from power on or form last reset.
-
2
Vin
The second line reports the AC input voltage.
-
Vi
Actual AC voltage
V =
Vi * 0.448 V
Vp
AC peak voltage during the last half wave AC cycle.
V =
Vp * 0.448 V
Vmin
Minimum input voltage during the last half wave AC cycle.
V =
Vmin * 0.448 V
Vmax
Maximum input voltage during the last half wave AC cycle .
V =
Vmax * 0.448 V
freq
Shows the input semi-sinusoidal period in units of 100
µS. In the
example “freq = 99" is equal to 99 * 100 mS = 9.9 mS, i.e. ~100 Hz (or
~50 Hz full-wave).
T =
freq * 100
µS
3
PFC
The third line report the PFC status
-
st
This parameter is a bit mask and each bit reports several PFC
information:
-
Bit
Value Description
0
1
0
Running
Disabled
1
1
Overcurrent detected.
5
0
1
IDLE mode not selected.
IDLE mode selected.
Note: during the IDLE mode the serial line is not available
therefore the bit can be read by executing the command
“st” within 200 ms after using command “pf 2".
6
1
Stable PFC output.
7
1
PFC ready but generic error condition detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com