Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4461 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 35Page - STMicroelectronics AN4461 Datasheet HTML 36Page - STMicroelectronics AN4461 Datasheet HTML 37Page - STMicroelectronics AN4461 Datasheet HTML 38Page - STMicroelectronics AN4461 Datasheet HTML 39Page - STMicroelectronics AN4461 Datasheet HTML 40Page - STMicroelectronics AN4461 Datasheet HTML 41Page - STMicroelectronics AN4461 Datasheet HTML 42Page - STMicroelectronics AN4461 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
135
7
TP22, TP23,
TP24, TP25,
TP31, TP32
TP
TPTH-ANELLO-1MM
136
2
P400V, PGND
TP
TPTH-ANELLO-1MM
137
1
T1
250
µH
TRAFO-ROCCHETTO-EF20D
Itacoil
TLLE20D01
138
1
T2
TRANSFOR CT
TRAFO-STM-ETD341711
Itacoil
TSLETD3402
139
1
T5
10 mH
IND-ITACOIL-SCLE25
Itacoil
SCLE25103
140
1
T6
420
µH
INDPFC-ITACOIL-SMC037-
100113
Itacoil
TCLPQ262501
141
1
T7
TRAFO
TRAFO-ITACOIL-SMLEP1303
Itacoil
SMLEP1303
142
1
U1
STLUX385A
TSSOP050P-640X120-38
STMicroelectronics®
STLUX385A
143
1
U4
ACPL-M61L-000E OPTO-SOP127P-700X210-6-NO2
N. M.
144
1
U5
L6398D
SOP127P-600X168-8
N. M.
145
1
U10
L6388ED
SOP127P-600X168-8
ST
L6388ED
146
1
U11
PM8841
SOT23-6
ST
PM8841
147
1
U12
VIPer06XS
ssop100p-620x175-10
ST
VIPer06XS
148
1
U13
LK112M33TR
SOT23-5
ST
LK112M33TR
149
2
U14, U15
ACPL-M61L-000E OPTO-SOP127P-700X210-6-NO2
AVAGO
TECHNOLOGIES
ACPL-M61L-000E
150
1
U16
PM8841
SOT23-6
ST
PM8841
151
1
U17
LD2980CM50TR
SOT23-5
N. M.
152
1
U18
TS3021ICT
SC70-5
ST
TS3021ICT
Table 5. Bill of material (continued)
Item
Qty.
Reference
Part
PCB footprint
Note
Manuf.
Part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com