Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4461 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 3Page - STMicroelectronics AN4461 Datasheet HTML 4Page - STMicroelectronics AN4461 Datasheet HTML 5Page - STMicroelectronics AN4461 Datasheet HTML 6Page - STMicroelectronics AN4461 Datasheet HTML 7Page - STMicroelectronics AN4461 Datasheet HTML 8Page - STMicroelectronics AN4461 Datasheet HTML 9Page - STMicroelectronics AN4461 Datasheet HTML 10Page - STMicroelectronics AN4461 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
DocID026130 Rev 2
7/70
AN4461
Getting started with STEVAL-ILL066V1 demonstration board
70
2
Getting started with STEVAL-ILL066V1
demonstration board
This section is intended to provide directions to correctly connect, power up and control the
demonstration board.
Danger:
Very high voltages are present on the board: suitable IPD
(“Individual Protection Devices”) and specific skills are
required to operate on the board.
Figure 2. STLUX385A PSR-ZVS demonstration board
Figure 3. STLUX385A PSR-ZVS board connections
The LED string is not provided with the board and the user shall provide a suitable LED
string with a total forward voltage and a maximum current rate that match the current board
configuration (100 V at 1 A, 200 V at 0.5 A). The LED string is connected to the board output
connector J4. The output power is isolated from the main AC input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com