Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4461 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 6Page - STMicroelectronics AN4461 Datasheet HTML 7Page - STMicroelectronics AN4461 Datasheet HTML 8Page - STMicroelectronics AN4461 Datasheet HTML 9Page - STMicroelectronics AN4461 Datasheet HTML 10Page - STMicroelectronics AN4461 Datasheet HTML 11Page - STMicroelectronics AN4461 Datasheet HTML 12Page - STMicroelectronics AN4461 Datasheet HTML 13Page - STMicroelectronics AN4461 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
Getting started with STEVAL-ILL066V1 demonstration board
AN4461
10/70
DocID026130 Rev 2
At any power-on of the board, the users shall verify the correct configuration of the board.
The following instructions show a correct initialization of the board:
•
The board input connector is J8 and the input voltage range goes from 96 VAC to 265
VAC (50 Hz or 60 Hz) or 170 VDC to 350 VDC. The user can supply the input from:
–
AC or DC power supply: configure the power supply output to one of the allowed
input values; make sure that the power supply output is OFF and connect the
power supply to J8.
–
Mains: make sure that the mains output is within the allowed range. Connect the
power cable to J8 but do NOT plug the cable into a main socket.
•
Connect the LEDs string to the connector J4. Verify the polarity: the LED string anode
must be connected to “+” pole while the cathode follows the “-” pole. The LED string
forward voltage and current must be within the current board configuration: 100 V (refer
to Section 4.1.4: Transformer output voltage on page 21).
•
Optionally connect the DALI or 0 - 10 V interface.
–
Connect the DALI line to the J3 connector (polarization is not important). Check
with the serial line if this interface is enabling (default when the board is skipped).
–
Connect the 0 - 10 V line to the J9 connector (the interfaces is polarized). Check
with the serial line if this interface is enabling (disabled when the board is
skipped).
•
Connect the serial cable to J2 using the USB TTL serial cable.
•
Turn on the input power and verify that:
–
The RUN-FAULT LED goes on for few seconds before switching off. Should the
RUN-FAULT LED stays ON than an error happened or that a protection is active.
Switch off the board and investigate the problem.
–
The output current starts flowing in the LED string after less than 1 second. At
power on the output current is low (~1% of total output power). The current level
may vary depending on the external interfaces available:
•
If the DALI bus is enabled and active, the output current is set to the “DALI power on
level”.
•
If the 0 - 10 V is enabled the output current defined by the voltage applied on J9.
•
Verify the correct operation by changing the output current using alternatively DALI
commands, 0 - 10 V or the serial command “ll”. Note that the serial “ll” command works
only when the DALI and 0 - 10 are not active.
Should an error be detected (for example, no load condition) the PFC and ZVS stage are
immediately switched off. See Section 9.3.2: st - status on page 49 to debug the error code
retrieved via the “st” command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com