Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4461 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 31Page - STMicroelectronics AN4461 Datasheet HTML 32Page - STMicroelectronics AN4461 Datasheet HTML 33Page - STMicroelectronics AN4461 Datasheet HTML 34Page - STMicroelectronics AN4461 Datasheet HTML 35Page - STMicroelectronics AN4461 Datasheet HTML 36Page - STMicroelectronics AN4461 Datasheet HTML 37Page - STMicroelectronics AN4461 Datasheet HTML 38Page - STMicroelectronics AN4461 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
46
1
D7
B6S-E3/80
PONTE-SMD-MBXS
N. M.
Vishay
B6S-E3/80
47
2
U3, D13
B6S-E3/80
PONTE-SMD-MBXS
Vishay
B6S-E3/80
48
1
D8
Zener - 15 V
POWERDI323
N. M.
49
1
D10
STTH1L06
DIODO-SMB
ST
STTH1L06U
50
3
D11, D14, D30
MMSD4148T1G
SOD123
ON Semiconductor
MMSD4148T1G
51
2
D12, D37
STTH3R06
DIODO-SMC
ST
STTH3R06S
52
1
D23
1N4007
DIODO-SMA
ST
1N4007
53
1
D24
GBU8K-E3/45
KBU8XXG
TAIWAN
SEMICONDUCTOR
KBU807G
54
1
D25
STTH5L06
DPAK
ST
STTH5L06B-TR
55
1
D26
LL4148
SOD80
N. M.
56
1
D27
Zener-5.6 V N. M.
SOD123
N. M.
57
1
D28
1N4007
DIODO-SMA
ST
1N4007
58
2
D31, D33
STTH1L06A
DIODO-SMA
ST
STTH1L06A
59
1
D32
Zener 16 V
DIODO-SMA
Vishay
SML4745-E3
60
1
D34
BAT54J
SOD323
ST
BAT54J
61
2
D38, D39
MMSD4148T1G
SOD123
62
1
D40
Zener - 12 V
SOD123
Diodes Zetex
DDZ9699-7
63
1
D41
MMSZ5V1T1G
SOD123
5.1 V 0.25 W
ON Semiconductor
MMSZ5V1T1G
64
2
D42, D43
STTH3R06
DIODO-SMC
1 A/0.5 A sel.
ST
STTH3R06S
65
1
F1
FUSE
FUSEPTH-R85H80-P5
4 A
Wickmann
3701400000
66
2
ISO1,ISO2
TLP181
OPTO-SOP127P-700X210-6-
NO25
Toshiba
TLP181 (GB, F)
67
1
JP5
JUMPER
GOCCIA
JP3SO
CLOSE 2 - 3
Table 5. Bill of material (continued)
Item
Qty.
Reference
Part
PCB footprint
Note
Manuf.
Part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com