Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4043 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 9Page - STMicroelectronics AN4043 Datasheet HTML 10Page - STMicroelectronics AN4043 Datasheet HTML 11Page - STMicroelectronics AN4043 Datasheet HTML 12Page - STMicroelectronics AN4043 Datasheet HTML 13Page - STMicroelectronics AN4043 Datasheet HTML 14Page - STMicroelectronics AN4043 Datasheet HTML 15Page - STMicroelectronics AN4043 Datasheet HTML 16Page - STMicroelectronics AN4043 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
AN4043
Inverter design concept and SLLIMM-nano solution
Doc ID 022726 Rev 2
13/60
±IC: each IGBT continuous collector current
The allowable DC current continuously flowing at the collector electrode (TC = 25 °C). The IC
parameter is calculated according to
Equation 1.
VCC: low voltage power supply
Figure 7.
Stray inductance components of output stage
Table 3.
Control part of the STGIPN3H60
Symbol
Parameter
Value
Unit
VOUT
Output voltage applied between OUTU, OUTV, OUTW, and
GND (VCC =15 V)
Vboot -21 to Vboot +0.3
V
VCC
Low voltage power supply
-0.3 to 21
V
VCIN
Comparator input voltage
-0.3 to VCC +0.3
V
VOP+
Op amp non-inverting input
-0.3 to VCC +0.3
V
VOP
Op amp inverting input
-0.3 to VCC +0.3
V
Vboot
Bootstrap voltage
-0.3 to 620
V
VIN
Logic input voltage applied between HIN, LIN and GND
-0.3 to 15
V
VSD/OD
Open drain voltage
-0.3 to 15
V
dVOUT/dt
Allowed output slew rate
50
V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com