Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4043 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 27Page - STMicroelectronics AN4043 Datasheet HTML 28Page - STMicroelectronics AN4043 Datasheet HTML 29Page - STMicroelectronics AN4043 Datasheet HTML 30Page - STMicroelectronics AN4043 Datasheet HTML 31Page - STMicroelectronics AN4043 Datasheet HTML 32Page - STMicroelectronics AN4043 Datasheet HTML 33Page - STMicroelectronics AN4043 Datasheet HTML 34Page - STMicroelectronics AN4043 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
AN4043
Electrical characteristics and functions
Doc ID 022726 Rev 2
31/60
a voltage below the UVLO threshold is applied on the bootstrap channel, the IC
disables itself (no output) without any fault signal.
●
the voltage across CBOOT is affected by different components such as drop across the
integrated bootstrap structure, drop across the low-side IGBT, and others.
●
when the high-side IGBT is on, the CBOOT capacitor discharges mainly to provide the
right IGBT gate charge but other phenomena must be considered such as leakage
currents, quiescent current, etc.
2.3.12
Bootstrap capacitor selection
A simple method to properly size the bootstrap capacitor considers only the amount of
charge that is needed when the high voltage side of the driver is floating and the IGBT gate
is driven once. This approach does not take into account either the duty cycle of the PWM,
or the fundamental frequency of the current. Observations on PWM duty cycle, the kind of
modulation (6-step, 12-step and sine-wave) must be considered with their own peculiarity to
achieve the best bootstrap circuit sizing.
During the bootstrap capacitor charging phase, the low-side IGBT is on and the voltage
across CBOOT (VCBOOT) can be calculated as follows:
Equation 7
where:
VCC: supply voltage of gate driver.
VF: bootstrap diode forward voltage drop.
VCE(sat)max: maximum emitter collector voltage drop of low-side IGBT.
VRDS(on): DMOS voltage drop.
The dimension of the bootstrap capacitance CBOOT value is based on the minimum voltage
drop (
ΔVCBOOT) to guarantee when the high-side IGBT is on, and must be:
Equation 8
under the condition:
Equation 9
where:
VGE(min): minimum gate emitter voltage of high-side IGBT.
VBS_thON: bootstrap turn-on undervoltage threshold (maximum value, see datasheet).
Considering the factors contributing to VCBOOT decreasing, the total charge supplied by the
bootstrap capacitor (during high-side ON phase) is:
max
)
sat
(
CE
)
on
(
RDS
F
CC
CBOOT
V
V
V
V
V
−
−
−
=
max
)
sat
(
CE
(min)
GE
)
on
(
RDS
F
CC
CBOOT
V
V
V
V
V
V
−
−
−
−
=
Δ
thON
_
BS
(min)
CBOOT
V
V
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com