Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4043 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 35Page - STMicroelectronics AN4043 Datasheet HTML 36Page - STMicroelectronics AN4043 Datasheet HTML 37Page - STMicroelectronics AN4043 Datasheet HTML 38Page - STMicroelectronics AN4043 Datasheet HTML 39Page - STMicroelectronics AN4043 Datasheet HTML 40Page - STMicroelectronics AN4043 Datasheet HTML 41Page - STMicroelectronics AN4043 Datasheet HTML 42Page - STMicroelectronics AN4043 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
AN4043
Package
Doc ID 022726 Rev 2
39/60
High-side bias voltage pins /high-side bias voltage reference
Pins: VbootU-U, VbootV-V, VbootW-W
The bootstrap section is designed to realize a simple and efficient floating power
supply, in order to provide the gate voltage signal to the high-side IGBTs
The SLLIMM-nano family integrates the bootstrap diodes. This helps users to save
costs, board space, and number of components
The advantage of the ability to bootstrap the circuit scheme is that no external power
supplies are required for the high-side IGBTs
Each bootstrap capacitor is charged from the VCC supply during the on-state of the
corresponding low-side IGBT
To prevent malfunction caused by noise and ripple in supply voltage, a good quality
(low ESR, low ESL) filter capacitor should be mounted close to these pins
The value of bootstrap capacitors is strictly related to the application conditions. Please
consult
Section 2.3.11: Bootstrap circuit for more information.
Gate driver bias voltage
Pins: VCC U, VCC V, VCC W
Control supply pins for the built-in ICs
To prevent malfunction caused by noise and ripple in the supply voltage, a good quality
(low ESR, low ESL) filter capacitor should be mounted close to these pins.
Gate drive supply ground
Pin: GND
Ground reference pin for the built-in ICs
To avoid noise influence, the main power circuit current should not be allowed to flow
through this pin (see
Section 5.1: Layout suggestions).
Pin #
Name
Description
STGIPN3H60A
STGIPN3H60
STGIPN3H60A
STGIPN3H60
18
P
Positive DC input
19
U
U phase output
20
NU
Negative DC input for U phase
21
VbootV
Bootstrap voltage for V phase
22
V
V phase output
23
NV
Negative DC input for V phase
24
VbootW
Bootstrap voltage for W phase
25
W
W phase output
26
NW
Negative DC input for W phase
Table 10.
Input and output pins (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com