Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4043 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 37Page - STMicroelectronics AN4043 Datasheet HTML 38Page - STMicroelectronics AN4043 Datasheet HTML 39Page - STMicroelectronics AN4043 Datasheet HTML 40Page - STMicroelectronics AN4043 Datasheet HTML 41Page - STMicroelectronics AN4043 Datasheet HTML 42Page - STMicroelectronics AN4043 Datasheet HTML 43Page - STMicroelectronics AN4043 Datasheet HTML 44Page - STMicroelectronics AN4043 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
AN4043
Package
Doc ID 022726 Rev 2
41/60
Positive DC-link
Pin: P
●
This is a DC-link positive power supply pin of the inverter and it is internally connected
to the collectors of the high-side IGBTs
●
To suppress the surge voltage caused by the DC-link wiring or PCB pattern inductance,
connect a smoothing filter capacitor close to the P pin. Generally a 0.1 or 0.22 µF high
frequency, high voltage non-inductive capacitor is recommended.
Negative DC-link
Pins: NU, NV, NW
●
These are the DC-link negative power supply pins (power ground) of the inverter
●
These pins are connected to the low-side IGBT emitters of each phase
●
The power ground of the application should be separated from the logic ground of the
system and they should be reconnected at one specific point (star connection).
Inverter power output
Pins: U, V, W
●
Inverter output pins for connecting to the inverter load (e.g. motor).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com