Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4043 Datasheet(PDF) 49 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 45Page - STMicroelectronics AN4043 Datasheet HTML 46Page - STMicroelectronics AN4043 Datasheet HTML 47Page - STMicroelectronics AN4043 Datasheet HTML 48Page - STMicroelectronics AN4043 Datasheet HTML 49Page - STMicroelectronics AN4043 Datasheet HTML 50Page - STMicroelectronics AN4043 Datasheet HTML 51Page - STMicroelectronics AN4043 Datasheet HTML 52Page - STMicroelectronics AN4043 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
AN4043
Power losses and dissipation
Doc ID 022726 Rev 2
49/60
4.4
Power loss calculation example
As a result of power loss calculation and thermal aspects, fully treated in the previous
sections, it is possible to simulate the maximum IC(RMS) current versus switching frequency
curves for a VVVF inverter using a 3-phase sinusoidal PWM and a six-step 120° switching
modulation to synthesize sinusoidal output currents.
The curves graphed in
Figure 33 represent the maximum current managed by the SLLIMM-
nano in safety conditions, when the junction temperature rises to the maximum junction
temperature of 150 °C for three ambient temperatures (25, 50 and 75 °C), which is a typical
operating condition to guarantee the reliability of the system. These curves, functions of the
motor drive typology and control scheme, are simulated under the following conditions:
●
VPN = 300 V, ma = 0.8, cos = 0.6, Tj = 150 °C, Tc = 100 °C, fSINE = 60 Hz, max. value of
Rth(j-c), typical VCE(sat) and Etot values.
Table 11.
Cauer and Foster RC thermal network elements
Element
Zth(j-a) Cauer Network
Zth(j-a) Foster Network
R1 (°C/W)
8.96E-01
1.81E-01
R2 (°C/W)
9.37E-01
1.71E-01
R3 (°C/W)
5.92E-01
8.12E-02
R4 (°C/W)
1.37E-02
5.11E-02
R5 (°C/W)
2.11E-02
1.86E-01
R6 (°C/W)
2.84E+00
6.58E-01
R7 (°C/W)
1.26E-01
5.00E-04
R8 (°C/W)
4.48E-02
6.95E-02
R9 (°C/W)
4.06E-01
5.14E-01
R10 (°C/W)
4.93E+00
4.43E+00
R11 (°C/W)
9.38E+00
7.90E+00
R12 (°C/W)
2.99E+01
3.58E+01
C1 (W·sec/°C)
6.25E-04
1.55E-01
C2 (W·sec/°C)
3.81E-03
1.67E-01
C3 (W·sec/°C)
4.69E-03
1.19E+00
C4 (W·sec/°C)
2.41E-03
9.09E-01
C5 (W·sec/°C)
4.39E-03
1.84E-02
C6 (W·sec/°C)
3.27E-03
1.07E-03
C7 (W·sec/°C)
1.82E-02
1.77E-03
C8 (W·sec/°C)
1.32E-02
8.80E-02
C9 (W·sec/°C)
3.63E-03
1.19E-02
C10 (W·sec/°C)
6.72E-02
4.74E-02
C11 (W·sec/°C)
2.75E-02
2.35E-01
C12 (W·sec/°C)
2.22E+00
1.75E+00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com