Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4043 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 28Page - STMicroelectronics AN4043 Datasheet HTML 29Page - STMicroelectronics AN4043 Datasheet HTML 30Page - STMicroelectronics AN4043 Datasheet HTML 31Page - STMicroelectronics AN4043 Datasheet HTML 32Page - STMicroelectronics AN4043 Datasheet HTML 33Page - STMicroelectronics AN4043 Datasheet HTML 34Page - STMicroelectronics AN4043 Datasheet HTML 35Page - STMicroelectronics AN4043 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
Electrical characteristics and functions
AN4043
32/60
Doc ID 022726 Rev 2
Equation 10
where:
QGATE: total IGBT gate charge.
ILKGE: IGBT gate emitter leakage current.
IQBO: bootstrap circuit quiescent current.
ILK: bootstrap circuit leakage current.
ILKDiode: bootstrap diode leakage current.
ILKCap: bootstrap capacitor leakage current (relevant when using an electrolytic capacitor
but can be ignored if other types of capacitors are used).
tHon: high-side ON time.
QLS: charge required by the internal level shifters.
Finally, the minimum size of the bootstrap capacitor is:
Equation 11
For an easier selection of bootstrap capacitor,
Figure 21 shows the behavior of CBOOT
(calculated) versus switching frequency (fsw), with different values of ΔVCBOOT,
corresponding to
Equation 11 Equation 11 for a continuous sinusoidal modulation and a duty
cycle
δ = 50%.
Figure 21.
Bootstrap capacitor vs. switching frequency
()
LS
Hon
ap
LKC
LKDiode
LK
QBO
LKG E
GA TE
TO T
Q
t
I
I
I
I
I
Q
Q
+
⋅
+
+
+
+
+
=
CBOOT
TOT
BOOT
V
Q
C
Δ
=
AM11814v1
0
1
2
3
4
5
0
5
10
15
20
fsw (kHz)
STGIPN3H60A
STGIPN3H60
δ = 50%
ΔV
CBOOT =0.1V
ΔV
CBOOT =0.3V
ΔV
CBOOT =0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com