Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4043 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 31Page - STMicroelectronics AN4043 Datasheet HTML 32Page - STMicroelectronics AN4043 Datasheet HTML 33Page - STMicroelectronics AN4043 Datasheet HTML 34Page - STMicroelectronics AN4043 Datasheet HTML 35Page - STMicroelectronics AN4043 Datasheet HTML 36Page - STMicroelectronics AN4043 Datasheet HTML 37Page - STMicroelectronics AN4043 Datasheet HTML 38Page - STMicroelectronics AN4043 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
AN4043
Package
Doc ID 022726 Rev 2
35/60
3
Package
The NDIP is a dual-in-line transfer mold package available in 26-lead version (NDIP-26L)
able to meet demanding cost and size requirements of consumer appliance inverters. It
consists of a copper lead frame with power stage and control stage soldered on it and
housed using the transfer molding process. The excellent thermal properties of the copper
allows good heat spread and heat transfer, furthermore, the thickness and the layout of the
lead frames has been optimized in order to further reduce the thermal resistance.
The package pinout has been designed in order to maximize the distance between the high
voltage and low voltage pins, by placing the relevant pins on the opposite side of the
package. This is mainly useful to keep a safe distance between high voltage and low voltage
pins and for an easy PCB layout.
Finally, thanks to the transfer molding technology and design optimization, the SLLIMM-
nano offers a high power density level in a very compact package while providing good
thermal propriety, electrical isolation and overall reliable performance.
3.1
Package structure
Figure 23 contains the images and an internal structure illustration of the NDIP-26L
package.
Figure 23.
Images and internal view of NDIP-26L package
Top view
Bottom view
Internal view
x = 29.5 mm
y1 = 12.5 mm (body only)
y2 = 22 mm (including leads)
z1 = 3.1 mm (body only)
z2 = 7 mm (including leads)
Main dimensions
x
y
z
SLL
IMM
-nan
o
SLLIMM-nano
NDIP-26L
IGBT
FWD
HVIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com