Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4043 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 26Page - STMicroelectronics AN4043 Datasheet HTML 27Page - STMicroelectronics AN4043 Datasheet HTML 28Page - STMicroelectronics AN4043 Datasheet HTML 29Page - STMicroelectronics AN4043 Datasheet HTML 30Page - STMicroelectronics AN4043 Datasheet HTML 31Page - STMicroelectronics AN4043 Datasheet HTML 32Page - STMicroelectronics AN4043 Datasheet HTML 33Page - STMicroelectronics AN4043 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
Electrical characteristics and functions
AN4043
30/60
Doc ID 022726 Rev 2
ADCs used in vector control applications have a typical full scale range (FSR) of about
3.3 V. The sense signals must be shifted and centered on FSR/2 voltage (about 1.65 V) and
amplified with a gain which provides the matching between the maximum value of the
sensed signal and the FSR of the ADC. Some typical examples of sense network sizing can
be found in the user manuals listed (see
References 5 and References 6).
2.3.11
Bootstrap circuit
In the 3-phase inverter the emitters of the low-side IGBTs are connected to the negative DC
bus (VDC-) as common reference ground, which allows all low-side gate drivers to share the
same power supply, while, the emitter of high-side IGBTs is alternately connected to the
positive (VDC+) and negative (VDC-) DC bus during the running conditions.
A bootstrap method is a simple and cheap solution to supply the high voltage section. This
function is normally accomplished by a high voltage fast recovery diode. The SLLIMM-nano
family includes a patented integrated structure that replaces the external diode. It is realized
with a high voltage DMOS driven synchronously with the low-side driver (LVG) and a diode
in series. An internal charge pump provides the DMOS driving voltage.
The operation of the bootstrap circuit is shown in
Figure 20. The floating supply capacitor
CBOOT is charged, from the VCC supply, when the VOUT voltage is lower than the VCC
voltage (e.g. low-side IGBT is on), through the bootstrap diode and the DMOS path with
reference to the “bootstrap charge current path”. During the high-side IGBT ON phase, the
bootstrap circuit provides the right gate voltage to properly drive the IGBT (see “bootstrap
discharge current path”). This circuit is iterated for all the three half bridges.
Figure 20.
Bootstrap circuit
The value of the CBOOT capacitor should be calculated according to the application
condition and must take the following into account:
●
voltage across CBOOT must be maintained at a value higher than the undervoltage
lockout level for the IC driver. This enables the high-side IGBT to work with a correct
gate voltage (lower dissipation and better overall performances). Please consider that if



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com