Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1069 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1069
Description  This application note is to help developers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1069 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1069 Datasheet HTML 2Page - STMicroelectronics AN1069 Datasheet HTML 3Page - STMicroelectronics AN1069 Datasheet HTML 4Page - STMicroelectronics AN1069 Datasheet HTML 5Page - STMicroelectronics AN1069 Datasheet HTML 6Page - STMicroelectronics AN1069 Datasheet HTML 7Page - STMicroelectronics AN1069 Datasheet HTML 8Page - STMicroelectronics AN1069 Datasheet HTML 9Page - STMicroelectronics AN1069 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6/14
ADDRESSING UP TO 4 MBYTES OF EXTERNAL MEMORY
3.3 HARDWARE IMPLEMENTATION
3.3.1 Example using a microcontroller with internal memory
In this example, using the ST90158 with 64K of internal ROM, the microcontroller’s internal
memory can be used as a Static Segment.
The hardware connections are shown in Figure 7..
Figure 7. Accessing almost 4M with the ST90158
Due to the fact we are using OTP or ROM devices, when the user accesses an address in the
internal segment, no external signals (AS, DS...) will be output by the ST9+ if the ETO bit in the
EMR1 register is correctly configured (please refer to the datasheet). This is the case for seg-
ments: 0, 21, 22 and 23h in the ST90158. Therefore any external memory that uses the same
segment number as the internal memory will not be accessible. To make it accessible, we
would need a dedicated logical unit.
P0[0..7]
P1[0..7]
AS
DS
R/W
VCC
74HC573
ST90158
EXTERNAL MEMORY
22 bit address
8 bit data
G
R/W (RAM and Flash only)
LE
74HC04
E
P2[0..7]
4Mbytes
64K
Seg 0
Seg 0 (Not
Seg 2
Seg 3
Seg 3F
A[0..7]
A[8..15]
A[16..21]
A[0..21]
Seg 1
available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com