Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1069 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1069
Description  This application note is to help developers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1069 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1069 Datasheet HTML 1Page - STMicroelectronics AN1069 Datasheet HTML 2Page - STMicroelectronics AN1069 Datasheet HTML 3Page - STMicroelectronics AN1069 Datasheet HTML 4Page - STMicroelectronics AN1069 Datasheet HTML 5Page - STMicroelectronics AN1069 Datasheet HTML 6Page - STMicroelectronics AN1069 Datasheet HTML 7Page - STMicroelectronics AN1069 Datasheet HTML 8Page - STMicroelectronics AN1069 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
ADDRESSING UP TO 4 MBYTES OF EXTERNAL MEMORY
Figure 3. Memory mapping for 64K of external memory with ST90158 (OTP)
Figure 4. Memory mapping for 64 K of external memory with ST90R158 (ROMLESS)
Seg 0
Seg 1
Seg 20
Seg 3F
RAM 1K
64K External Memory
64K Internal ROM
Reserved
Unused
Unused
Seg 21
Seg 23
Seg 22
Unused
Reserved
Unused
Seg 1F
Seg 2
Seg0
Seg1
Seg 20
Seg 3F
1K RAM
64K External Memory
Reserved
Unused
Seg 21
Seg 23
Seg 22
Unused
Reserved
Unused
Seg 1F
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com