Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1069 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1069
Description  This application note is to help developers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1069 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1069 Datasheet HTML 6Page - STMicroelectronics AN1069 Datasheet HTML 7Page - STMicroelectronics AN1069 Datasheet HTML 8Page - STMicroelectronics AN1069 Datasheet HTML 9Page - STMicroelectronics AN1069 Datasheet HTML 10Page - STMicroelectronics AN1069 Datasheet HTML 11Page - STMicroelectronics AN1069 Datasheet HTML 12Page - STMicroelectronics AN1069 Datasheet HTML 13Page - STMicroelectronics AN1069 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10/14
ADDRESSING UP TO 4 MBYTES OF EXTERNAL MEMORY
Figure 10. Memory mapping for accessing 2M of external memory with ST90R158
Seg 0
Seg1
Seg 21
Seg 3F
Seg 22
Seg 20
1K RAM
Reserved
Reserved
Seg 23
Seg 1F
Dynamic segment
Static segment
External Memory 32K
32K External Memory
32K External Memory
32K External Memory
32K External Memory
Seg 1
Seg 2
32K External Memory
0x00 0000
0x00 8000
0x01 8000
0x02 0000
0x02 8000
0x03 0000
0x01 0000
Not Available
32K External Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com