Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1069 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1069
Description  This application note is to help developers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1069 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1069 Datasheet HTML 3Page - STMicroelectronics AN1069 Datasheet HTML 4Page - STMicroelectronics AN1069 Datasheet HTML 5Page - STMicroelectronics AN1069 Datasheet HTML 6Page - STMicroelectronics AN1069 Datasheet HTML 7Page - STMicroelectronics AN1069 Datasheet HTML 8Page - STMicroelectronics AN1069 Datasheet HTML 9Page - STMicroelectronics AN1069 Datasheet HTML 10Page - STMicroelectronics AN1069 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
ADDRESSING UP TO 4 MBYTES OF EXTERNAL MEMORY
Using the ST90158, the maximum accessible memory will be:
4M (total accessible memory)
- 4 x 64 k (internal segments)
+ 1K (internal RAM)
+ 64K (internal ROM)
________________________
= 3905K bytes
The size of each dynamic segment is 64 Kbytes in this case. We can represent the memory
seen by the microcontroller as shown in Figure 8..
Note: When using ST92F120, it is not possible to access any external segments other than
segments 2 and 3. So the maximum amount of external memory that can be accessed by the
ST92F120 is 128 Kbytes.
Figure 8. Memory map for accessing 4M of external memory with the ST90158
Seg 0
Seg 1
Seg 21
Seg 3F
64K Internal ROM
Seg 22
Seg 20
1K RAM
Reserved
Reserved
64K External Memory
Seg 23
64K External Memory
Seg 1F
64K External Memory
64K External Memory
Dynamic segment
Static segment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com