Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1069 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1069
Description  This application note is to help developers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1069 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1069 Datasheet HTML 1Page - STMicroelectronics AN1069 Datasheet HTML 2Page - STMicroelectronics AN1069 Datasheet HTML 3Page - STMicroelectronics AN1069 Datasheet HTML 4Page - STMicroelectronics AN1069 Datasheet HTML 5Page - STMicroelectronics AN1069 Datasheet HTML 6Page - STMicroelectronics AN1069 Datasheet HTML 7Page - STMicroelectronics AN1069 Datasheet HTML 8Page - STMicroelectronics AN1069 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2/14
ADDRESSING UP TO 4 MBYTES OF EXTERNAL MEMORY
In the first part of this application note we will see how to use the existing interface to address
64 Kbytes or 128 Kbytes (ST92F120 only) of external memory without any additional software
overhead. In the second part we will see how to address almost 2 Mbytes with a ROMLESS or
almost 4 Mbytes with an OTP/EPROM/FLASH device. This last solution uses the P2 I/O port
to output the 22-bit address.
2 ACCESSING UP TO 64 KBYTES OF EXTERNAL MEMORY WITHOUT
SOFTWARE OVERHEAD
The ST9+ outputs a 16-bit address multiplexed with the 8-bit data. So, to access 64 Kbytes of
memory, we only need to make the correct hardware connections between the memory de-
vices and the microcontroller. These connections are described in Figure 2..
Figure 2. Accessing 64 Kbytes of external memory
The R/W signal is only needed for RAM and Flash or mixed memory components. The pull-up
resistor is needed only when using ROMLESS devices.
Examples of memory mapping are given in Figure 3. and Figure 4..
P0
P1
AS
DS
R/W
VCC
74HC573
ST9+
OTP
ROM
ROMLESS
FLASH
EXTERNAL MEMORY
16-bit address
8-bit data
G
R/W (RAM and Flash only)
ROM M27C1001
RAM M48Z64Y
Flash M29F010b
64 K
LE
74HC04
E
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com