Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1069 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1069
Description  This application note is to help developers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1069 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1069 Datasheet HTML 1Page - STMicroelectronics AN1069 Datasheet HTML 2Page - STMicroelectronics AN1069 Datasheet HTML 3Page - STMicroelectronics AN1069 Datasheet HTML 4Page - STMicroelectronics AN1069 Datasheet HTML 5Page - STMicroelectronics AN1069 Datasheet HTML 6Page - STMicroelectronics AN1069 Datasheet HTML 7Page - STMicroelectronics AN1069 Datasheet HTML 8Page - STMicroelectronics AN1069 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
ADDRESSING UP TO 4 MBYTES OF EXTERNAL MEMORY
Figure 6. Static and Dynamic Segments
3.2 DEFINITION
STATIC SEGMENT (SS): A segment of memory which can always be accessed whatever the
value of the Dynamic Segment selected (value of Port 2 data register: P2DR). In an OTP/
ROM/FLASH microcontroller, the internal memory can always be accessed and therefore is
contained in static segments. For example in the ST90158, Segment 0 (ROM) and Seg 20
(RAM) are static segments
The size of the memory in a segment can be from zero to 64K. The number of static segments
and the amount of memory in each segment depends on the microcontroller.
In the case of ROMLESS devices, the static segment must be a special area of external
memory which is not connected to Port 2 and is therefore not dynamic.
At least one static segment is needed in any application.
DYNAMIC SEGMENT (DS): A segment of the external memory which is accessible only if it
has been selected by the user. Its access depends on the P2DR (Port 2 data register) value.
The size of a dynamic segment can be from 0 to 64K.
Dynamic segments
External memory
Static Segments
Internal or External
memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com