Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1069 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1069
Description  This application note is to help developers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1069 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1069 Datasheet HTML 1Page - STMicroelectronics AN1069 Datasheet HTML 2Page - STMicroelectronics AN1069 Datasheet HTML 3Page - STMicroelectronics AN1069 Datasheet HTML 4Page - STMicroelectronics AN1069 Datasheet HTML 5Page - STMicroelectronics AN1069 Datasheet HTML 6Page - STMicroelectronics AN1069 Datasheet HTML 7Page - STMicroelectronics AN1069 Datasheet HTML 8Page - STMicroelectronics AN1069 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AN1069/0700
1/14
AN1069
APPLICATION NOTE
ADDRESSING UP TO 4 MBYTES OF MEMORY FROM A ST9+
WITH A 16-BIT EXTERNAL BUS
By Microcontroller Division Applications
INTRODUCTION
This application note is to help developers of ST9+ applications that need to address external
memory. It refers to ST9+ microcontrollers which have only a 16-bit external address bus
(such as the ST90158). The information in this application note does not apply to ST9+ micro-
controllers that have a 22-bit external address bus.
1 ST9 EXTERNAL MEMORY MANAGEMENT
Through the Memory Management Unit (MMU), ST9+ devices can internally address up to 4M
bytes of linear memory using a 22-bit address bus (refer to the datasheet or ST9+ user guide
for more information on the MMU).
Nevertheless, most general purpose ST9+ microcontrollers do not output this 22-bit address
bus, they only output the 16 Least Significant Bits (LSBs) of the 22-bit address. This 16-bit ad-
dress is output on two 8-bit ports: P0 and P1. This allows the user to address 64 Kbytes (216)
of external memory directly.
Figure 1. ST9+ Memory Access Overview
CORE
22-BIT ADDRESS
8-BIT DATA
ST9+
EXTERNAL MEMORY
INTERFACE
P0[0..7]
P1[0..7]
AS, RW, DS,
16-BIT ADDRESS
WITH 8-BIT DATA
DS2 (ST92F120
INTERNAL MEMORY
only)
MULTIPLEXED
1


Similar Part No. - AN1069

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1060 STMICROELECTRONICS-AN1060 Datasheet
204Kb / 11P
FLYBACK CONVERTERS WITH THE L6561 PFC
Jan-2003
AN1061 STMICROELECTRONICS-AN1061 Datasheet
798Kb / 21P
2A HIGH EFFICIENCY DC-DC CONVERTERY
Sep-2000
logo
Motorola, Inc
AN1062 MOTOROLA-AN1062 Datasheet
609Kb / 11P
Using the QSPI for Analog Data Acquisition
logo
Freescale Semiconductor...
AN1063/D FREESCALE-AN1063/D Datasheet
58Kb / 10P
Product Brief Integrated Processor With DMA
logo
NXP Semiconductors
AN1063/D NXP-AN1063/D Datasheet
1Mb / 37P
Integrated CPU32 Processor
Rev 1
More results

Similar Description - AN1069

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2871 STMICROELECTRONICS-AN2871 Datasheet
330Kb / 25P
This application note is intended for hardware designers
18-Sep-2013
AN3383 STMICROELECTRONICS-AN3383 Datasheet
5Mb / 29P
The purpose of this application note is to describe:
08-Apr-2011
AN3959 STMICROELECTRONICS-AN3959 Datasheet
4Mb / 65P
The purpose of this application note is to describe
05-Dec-2011
AN4057 STMICROELECTRONICS-AN4057 Datasheet
132Kb / 13P
This application note is addressed to system hardware designers using
13-Sep-2013
AN1755 STMICROELECTRONICS-AN1755 Datasheet
84Kb / 7P
The goal of this application note is to present
Rev. 1.0
AN2776 STMICROELECTRONICS-AN2776 Datasheet
168Kb / 20P
The purpose of this application note is to explain
29-May-2008
AN3271 STMICROELECTRONICS-AN3271 Datasheet
1Mb / 29P
This application note provides
26-Jun-2012
AN3320 STMICROELECTRONICS-AN3320 Datasheet
382Kb / 29P
This application note is intended for system designers
22-Aug-2011
AN3359 STMICROELECTRONICS-AN3359 Datasheet
964Kb / 28P
This application note is dedicated
17-Mar-2011
AN4661 STMICROELECTRONICS-AN4661 Datasheet
703Kb / 33P
This application note is intended for system designers
24-Mar-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com