Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1069 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1069
Description  This application note is to help developers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1069 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1069 Datasheet HTML 1Page - STMicroelectronics AN1069 Datasheet HTML 2Page - STMicroelectronics AN1069 Datasheet HTML 3Page - STMicroelectronics AN1069 Datasheet HTML 4Page - STMicroelectronics AN1069 Datasheet HTML 5Page - STMicroelectronics AN1069 Datasheet HTML 6Page - STMicroelectronics AN1069 Datasheet HTML 7Page - STMicroelectronics AN1069 Datasheet HTML 8Page - STMicroelectronics AN1069 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/14
ADDRESSING UP TO 4 MBYTES OF EXTERNAL MEMORY
3 ACCESSING UP TO 2 OR 4 MBYTES WITH ANY ST9+
3.1 PRINCIPLE
As previously mentioned in Section 1, the ST9 handles 22-bit addresses internally but outputs
only the 16 LSBs of the address through the external memory interface. In this section we will
see how, by handling it in software, it is possible to access almost 2M with a ROMLESS device
or almost to 4M bytes with an OTP, ROM, or Flash device.
To access more than 64K of external memory, you need to output the 6 Most Significant Bits
(MSBs) of the address. To do this, we have chosen to use the 6 LSBs of Port 2 (refer to Figure
5.).
Port 2 will be used by software to select the Dynamic Segment you want to access.
External memory segments and Internal memory segments are two different addressable
areas. For simplicity, both types of segment are numbered in the same way.
Figure 5. ST9+ Schematic
CORE
22-bit address
8-bit data bus
ST9+ internal memory
External Memory
Interface
P0[0..7]
P1[0..7]
AS, R/W, DS,
16-bit address multiplexed
with 8 bit data bus
DS2 (ST92F120 only)
P2[0..5]
I/O port logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com