Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1353 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1353
Description  ASD ST62000C software description for cooling thermostat applicatons
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1353 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1353 Datasheet HTML 2Page - STMicroelectronics AN1353 Datasheet HTML 3Page - STMicroelectronics AN1353 Datasheet HTML 4Page - STMicroelectronics AN1353 Datasheet HTML 5Page - STMicroelectronics AN1353 Datasheet HTML 6Page - STMicroelectronics AN1353 Datasheet HTML 7Page - STMicroelectronics AN1353 Datasheet HTML 8Page - STMicroelectronics AN1353 Datasheet HTML 9Page - STMicroelectronics AN1353 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Gate current pulses
AN1353
6/17
Rev 2
4
Gate current pulses
4.1
General description
The gate current pulses are generated during the main program (refer to Appendix A and
also to Figure 2). The Port A pins are set or reset depending on the information defined by
the sub-routines described in para-graph 5.
Annex 1 gives the flowchart of the main program. The ZVC events are sensed thanks to bit
0 of the FLAG register, which is only set during the NMI interrupt. The end of timer
decrementations are also sensed by bit 1 of the FLAG register, which is set during timer
interrupt.
First, as soon as the ZVC is detected, the T1 decrementation is launched and the light bulb
is switched on, if requested, by pulling PA3 down to VSS. After the timer interrupt, PA2 and
PA3 are set, or not, depending on the process status. After T2 decrementation, PA3 is set
and a new decrementation is launched (T3) to wait to turn off both Tr and Ts.
After this pulse generation, the timer counts down T4 to synchronize the current measure to
the moment at which it reaches its peak value. After the “Current_Measure” sub-routine, T5
is decremented in order to reach the beginning of the next half cycle. Gate current pulses
are then generated as in the previous cycle.
4.2
How to change the pulse duration?
All the pulse durations are based on a one half-cycle time reference basis. Indeed, in order
to count the pe-riod time, the timer is launched after the last current pulse, when VLN is
positive. DELTAT will then always represent a time shorter than 10 ms. To be sure that the
timer overflow will never occur before the next NMI interrupt, we must ensure that the time to
decrement 256 will be always higher than 10 ms.
This condition can be reached with a 32 prescalar ratio. With such a value, even with the
maximum allowed MCU clock frequency, the overflow will happen in 12.28 ms.
T50Hz = DELTAT + T1 +T2 +T3, then represents the value to load in the TSCR register to
achieve a 10 ms overflow period.
To define an “n” ms duration, consider the following relation:
So, Tx must be loaded in the TSCR to have a timer interrupt after “n” ms. However, as a
division by ten is not easy to implement, and in order to increase the register accuracy, it is
better to use variables in the range of 256. The variable “Dx” is used and defined as
explained below:
10 ms
T50Hz
→
n(ms)
Tx
→
⎫
⎬
⎭
Tx =
T50Hz x n(ms)
10
Dx =
n x 256
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com