Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1353 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1353
Description  ASD ST62000C software description for cooling thermostat applicatons
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1353 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1353 Datasheet HTML 4Page - STMicroelectronics AN1353 Datasheet HTML 5Page - STMicroelectronics AN1353 Datasheet HTML 6Page - STMicroelectronics AN1353 Datasheet HTML 7Page - STMicroelectronics AN1353 Datasheet HTML 8Page - STMicroelectronics AN1353 Datasheet HTML 9Page - STMicroelectronics AN1353 Datasheet HTML 10Page - STMicroelectronics AN1353 Datasheet HTML 11Page - STMicroelectronics AN1353 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Sub-routines
AN1353
8/17
Rev 2
4.4
Timing example
Table 5 gives the values which must be loaded into the TSCR register to implement a 1.5 ms
pulse (to trig-ger the light) and a 0.45 ms delayed pulse of 2.8 ms length (to trigger the both
windings of the motor). These are the values programmed by default in the THERM01EVAL
board microcontroller.
5
Sub-routines
5.1
Load control
This sub-routine defines which load has to be turned on (refer to Appendix C). The light bulb
is then controlled de-pending on the door switch information. It is the sensed temperature,
the order set by the external potenti-ometer and the Hysteresis law, described in Figure 3,
that instructs the motor to be ON.
Order 1, the upper limit, equals the temperature order set by an external potentiometer plus
a threshold value (which can be changed, refer to “THRES” in the constants list). Order 2
equals the same order minus this threshold.
Figure 3.
Temperature Hysteresis control
Table 5.
TSCR values to implement the required pulses
NAME
DELAY (ms)
TSCR value (decimal)
T1
0.45 (-code delay)
12 -1
T2
1.05
27
T3
1.75
45
T4
3.95 (-code delay)
101 -3
ORDER 2
ORDER 1
Temperature
MOTOR ON
MOTOR OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com