Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1353 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1353
Description  ASD ST62000C software description for cooling thermostat applicatons
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1353 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1353 Datasheet HTML 1Page - STMicroelectronics AN1353 Datasheet HTML 2Page - STMicroelectronics AN1353 Datasheet HTML 3Page - STMicroelectronics AN1353 Datasheet HTML 4Page - STMicroelectronics AN1353 Datasheet HTML 5Page - STMicroelectronics AN1353 Datasheet HTML 6Page - STMicroelectronics AN1353 Datasheet HTML 7Page - STMicroelectronics AN1353 Datasheet HTML 8Page - STMicroelectronics AN1353 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
January 2006
Rev 2
1/17
AN1353
Application note
ASD
ST62000C software description for cooling thermostat applicatons
1
Introduction
In this document, we explain the software of an Electronic thermostat bread board. The
demonstration kit has been developped by STMicroelectronics and is available under
THERM01EVAL reference.
This board illustrates the operation of a low cost electronic thermostat for 220-240V 50Hz
cold appliances, including STMicroelectronics ACS102-5TA, ACST6-7ST and ST62 devices.
The microcontroller will ensure four functions:
●
Temperature regulation (temperature capture through NTC resistor + Hysteresis
regulation).
●
Compressor monitoring: the motor is controlled depending on fridge temperature. To
start it, the starting triac Ts and the run triac Tr are triggered simultaneously for 500ms.
Then, only the run triac will continue to conduct.
●
Overcurrent detection: this is based on the measure of the peak current using a shunt
resistor. During the one second (500 ms+500 ms) of starting transient, this routine
does not run.
●
Internal light bulb control.
2
Hardware configuration
2.1
General information
The power supply of the microcontroller is a capacitive one. Its particularity is that the VSS
is 5V less than the Neutral. This power supply can be called a “negative supply”. This
generates flowing out current from the ACS/ACST gates (ACS are triggered only with a
negative gate current). This feature must also be kept in mind when the overcurrent
detection is implemented. It will define in which polarity the current can be sensed.
Figure 1 illustrates the board electrical circuit.
www.st.com


Similar Part No. - AN1353

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
AN135 XICOR-AN135 Datasheet
51Kb / 5P
Sensor Circuits and Digitally Controlled Potentiometers
logo
Panasonic Semiconductor
AN1358 PANASONIC-AN1358 Datasheet
32Kb / 3P
Dual Operational Amplifiers
AN1358S PANASONIC-AN1358S Datasheet
32Kb / 3P
Dual Operational Amplifiers
More results

Similar Description - AN1353

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11052 TOKO-TK11052 Datasheet
124Kb / 12P
THERMOSTAT IC
logo
Agilent(Hewlett-Packard...
N5402A HP-N5402A Datasheet
1Mb / 16P
Analysis Software for Infiniium
logo
Fuji Electric
EDS11-141B FUJI-EDS11-141B Datasheet
187Kb / 4P
DIGITAL THERMOSTAT
logo
Astrodyne Corporation
ASD100W ASTRODYNE-ASD100W Datasheet
1Mb / 4P
100 WATT ASD SINGLE SERIES
logo
PHOENIX CONTACT
1203903 PHOENIX-1203903 Datasheet
65Kb / 4P
ASD ACCU 4,0AH
1203929 PHOENIX-1203929 Datasheet
34Kb / 2P
ASD NORMAL CHARGER
1203893 PHOENIX-1203893 Datasheet
46Kb / 2P
Battery - ASD ACCU 1,4AH
1203945 PHOENIX-1203945 Datasheet
48Kb / 2P
Screw insert - ASD BIT KS1X50
1205480 PHOENIX-1205480 Datasheet
86Kb / 3P
ASD 6 SET 120V
logo
List of Unclassifed Man...
KSD301 ETC1-KSD301 Datasheet
1Mb / 6P
Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com