Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1353 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1353
Description  ASD ST62000C software description for cooling thermostat applicatons
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1353 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1353 Datasheet HTML 1Page - STMicroelectronics AN1353 Datasheet HTML 2Page - STMicroelectronics AN1353 Datasheet HTML 3Page - STMicroelectronics AN1353 Datasheet HTML 4Page - STMicroelectronics AN1353 Datasheet HTML 5Page - STMicroelectronics AN1353 Datasheet HTML 6Page - STMicroelectronics AN1353 Datasheet HTML 7Page - STMicroelectronics AN1353 Datasheet HTML 8Page - STMicroelectronics AN1353 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Hardware configuration
AN1353
2/17
Rev 2
Figure 1.
Bread-board schematic
Note the following features on the MCU hardware environment:
●
The clock is achieved by the internal oscillator
●
No external reset circuit is used, thanks to the Low Voltage Detector option of the MCU
●
The Zero Voltage Crossing (ZVC) event is sensed through R6 by the NMI pin.
2.2
I/O port configuration
The following table explains what the I/O ports are used for, and how they are configured,
beginning with the Port B which is configured in Input (except for PB1 which is configured as
a push pull output).
All the inputs are configured with a pull up resistor, except for when they are used as an
ADC input. No In-terrupt is active on any of these pins.
All port A pins are configured as push pull outputs. Table 2 details the option choices and
configuration reg-isters.
S2
doorswitch
R14
51R
R4
360R
R1
33R 1/2W
R8
62K
Run
J1
BULB
1
2
Start
L_PCB
6µH
C7
2.2nF
C6
1nF
C1
470nF X2
VDD
C4
10 nF X2
U1
ST62T00C
2
3
16
14
15
13
12
11
10
9
8
7
4
6
5
1
OSCIN
OSCOUT
VSS
PA2
PA1
PA3
PB0/AIN
PB1/AIN
PB3/AIN
PB5/AIN
PB6/AIN
PB7/AIN
NMI
RST
VPP/TEST
VDD
R10
50m 1/2 W
J2
NTC
1
2
6V2 1.3W
D2
F1
FUSE 6 A / 250 V
R11
47R 1/2 W
R3
160R
R5
1.5K
R6
470K
D1
LED
C9
2.2nF
R12
1K
+
2200µF / 10 V
C3
R7
33k
R9
47K
Tb
Bulb ACS102
Ts
Run ACST6
Tr
Start ACST6
J3
DOOR
1
2
VDD
D3
R2
160R
N
J4
MOTOR
1
2
3
100K
POT A
C8
2.2nF
L
C12
1 µF
C11
680pF
L
C2
100nF
C5
1nF
C10
2.2nF
VDD
J5
MAINS
1
2
3
R13
51R
Table 1.
Port B configuration registers
Pin Name
USE
DDR
OR
DR
PB0
Not used
0
0
0
PB1
Switch ON the LED / Switch OFF the LED
1
1
0/1
PB2
Not existing for ST6200
0
0
0
PB3
SHUNT voltage Analog Input / Input with pull up
0
1/0
1/0
PB4
Not existing for ST6200
0
0
0
PB5
Temperature order Analog Input / Input with pull up
0
1/0
1/0
PB6
Door switch information
0
0
0
PB7
Cabinet temperature Analog Input / Input with pull up
0/0
1/0
1/0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com