Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1353 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1353
Description  ASD ST62000C software description for cooling thermostat applicatons
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1353 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1353 Datasheet HTML 6Page - STMicroelectronics AN1353 Datasheet HTML 7Page - STMicroelectronics AN1353 Datasheet HTML 8Page - STMicroelectronics AN1353 Datasheet HTML 9Page - STMicroelectronics AN1353 Datasheet HTML 10Page - STMicroelectronics AN1353 Datasheet HTML 11Page - STMicroelectronics AN1353 Datasheet HTML 12Page - STMicroelectronics AN1353 Datasheet HTML 13Page - STMicroelectronics AN1353 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Conclusion
AN1353
10/17
Rev 2
6
Conclusion
This paper has presented how a software for ST6200C MCUs has been developed for
thermostat applica-tions. The main goals of this software are:
●
Low cost: no external resonator is used even if good accuracy for time control is
required. This is achieved thanks to a mains period based calculation method. No
external RESET circuit is needed thanks the MCU LVD option.
●
Low consumption: all ACS and ACST devices are triggered by pulsed gate currents in
order to reduce the average current consumption.
●
Noise immunity: the noise immunity has been increased by several software
techniques (smart reset, ADC results averaging). The hardware watch-dog option must
also be activated and unused program memory space can be filled as described in the
AN435 Application Note.
This paper will help users to adapt the software to their own requirements. The following
data in particular must be checked:
●
Peak current measure moment (T5 register)
●
Gate current pulses delay & duration
●
Maximum peak current value to detect an over current (VLIMIT constant)
●
Temperature control Hysteresis threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com