Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1353 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1353
Description  ASD ST62000C software description for cooling thermostat applicatons
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1353 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1353 Datasheet HTML 5Page - STMicroelectronics AN1353 Datasheet HTML 6Page - STMicroelectronics AN1353 Datasheet HTML 7Page - STMicroelectronics AN1353 Datasheet HTML 8Page - STMicroelectronics AN1353 Datasheet HTML 9Page - STMicroelectronics AN1353 Datasheet HTML 10Page - STMicroelectronics AN1353 Datasheet HTML 11Page - STMicroelectronics AN1353 Datasheet HTML 12Page - STMicroelectronics AN1353 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AN1353
Sub-routines
Rev 2
9/17
This sub-routine also defines if the motor must be started up. If the temperature becomes
higher than ORDER 1, the compressor should be started. But, care must be taken not to
start the motor if it is already ON. Otherwise, Ts could be switched on when Tr is already
ON, resulting in a capacitor discharge through the two devices.
Note that each evaporator temperature and potentiometer voltage measurements are
refreshed every 256 cycles (by the average value of the previous 256 cycles). This means
that the temperature control is acti-vated every 5 seconds.
5.2
Motor status
This sub-routine defines which ACST must be triggered depending on the motor state and
the order asked by the “LOADS_CONTROL” routine. This flowchart is shown on annex 4.
When the motor is required to be ON, both Tr and Ts are switched on 500 ms. After that,
only Tr is fired, if the motor must still be ON. In this case, the MOTOR_STATUS routine
claims that the motor is in a transient state again for 500 ms. This state is used by the
“CURRENT_MEASURE” sub-routine. Indeed, the current must not be measured during the
first one second of operation, during which the current is high. On the other hand, if the
current remains high after this one second, that means that an abnormal condition has
occurred (stall rotor for example) and it is better to stop the motor.
5.3
Current measure
The current measure is only performed when the motor should be ON, and if it is not at
start-up transient state. At each overcurrent detection, the motor is stopped, a LED is
switched on during 5 s, and, of course, the current measure is no longer performed.
The overcurrent detection is, in fact, based on an average of four measures. This is done to
reduce EMI noise. The over current therefore always acts with at least an 80 ms delay,
because only one measure by cycle is done.
The measured value is compared to the “VLIMIT” constant. A 242 value equals a voltage of
5.22 V at the in-put of the Analog to Digital Converter (for a 5.5 V supply). As the measure is
achieved thanks to a 50 mOhm shunt, referenced to the Vdd, this value is similar to a 5.6 A
current. Such a current means that the rotor is stalled because, in steady state, a 100-300
W compressor always sinks a current lower than 3 A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com