Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1353 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1353
Description  ASD ST62000C software description for cooling thermostat applicatons
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1353 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1353 Datasheet HTML 1Page - STMicroelectronics AN1353 Datasheet HTML 2Page - STMicroelectronics AN1353 Datasheet HTML 3Page - STMicroelectronics AN1353 Datasheet HTML 4Page - STMicroelectronics AN1353 Datasheet HTML 5Page - STMicroelectronics AN1353 Datasheet HTML 6Page - STMicroelectronics AN1353 Datasheet HTML 7Page - STMicroelectronics AN1353 Datasheet HTML 8Page - STMicroelectronics AN1353 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AN1353
Main program
Rev 2
5/17
3.3
Start-up and smart reset
At each RESET interrupt, the program first checks if the data stored in the RAM are as
scheduled or not. In-deed, a RESET can occur without the supply voltage having fallen
below VRM (Data retention parameter: 0.7 V). In this case, a whole start-up is not
necessary, and the program can keep working with the previous RAM data. This is helpful in
order to avoid missing loads control when a RESET occurs, due to an EMI problem for
example.
If the checked RAM registers are not as expected, then a complete initialization procedure is
launched (see Appendix B). This routine, among other things, configures the A and B ports,
waits 100 ms before go on (wait-ing for the stabilization of the supply), and measures the
mains period for the first time.
If the RAM area is adequate, then a “Smart Reset” can be performed. Only the registers
which are used to store internal sub-routines variables are cleared. Only the main registers
keep their previous values (motor status, etc.).
It is important to note that this start-up procedure can miss firing some loads during one
mains cycle. This is why, if the motor was at start-up state before a “Smart Reset”, it is better
to stop the motor. This avoids switching both the Tr and Ts devices ON together when the
split phase capacitor can be charged (refer to AN1354). This is done by simply setting to
high level the overcurrent detection flag.
Table 4.
CPU available time
Name
Duration
(ms)
Code execution time
(ms)
Subroutines time sum
(ms)
Available time (ms)
T1
0.45
0.25
0
0
T2
1.05
0.13
0
0.72
T3
1.75
0.13
0
1.42
T4
3.95
0.85 (T50 Hz average)
1.75
1.15
T5
2.80
0.09
0.26 + 0.92
1.33
DELTAT
6.75
0.08
5.49 + 0.93
0
TOTAL
4.62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com