Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1353 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1353
Description  ASD ST62000C software description for cooling thermostat applicatons
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1353 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1353 Datasheet HTML 3Page - STMicroelectronics AN1353 Datasheet HTML 4Page - STMicroelectronics AN1353 Datasheet HTML 5Page - STMicroelectronics AN1353 Datasheet HTML 6Page - STMicroelectronics AN1353 Datasheet HTML 7Page - STMicroelectronics AN1353 Datasheet HTML 8Page - STMicroelectronics AN1353 Datasheet HTML 9Page - STMicroelectronics AN1353 Datasheet HTML 10Page - STMicroelectronics AN1353 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AN1353
Gate current pulses
Rev 2
7/17
When, Tx can be calculated as follows:
Dividing by 256 is thus easily achieved simply by considering the Most Significant Byte of
the multiplication result of T50Hz and Dx.The Dx variables are defined in the Constants list
at the beginning of the software. To implement new pulse timings, only the values in this list
have to be changed.
For 60 Hz applications, the “10ms” used in the calculation should be replaced by 8.33.
4.3
Influence of the code time
In fact, the timer is not launched exactly when it has to be. This is due to the time required by
the MCU to perform some instructions between the last interrupt and the effective
decrementation beginning.
For example, before the launch of the first T1 decrementation, the program must run the
NMI interrupt, save the DELTAT result, write PORT A and the start the timer. These 47
instructions all in all last 200 µs for a 4 MHz MCU clock frequency. Then, to ensure that the
gate current will be applied on the Tr and Ts de-vices at the right time, it is better to cut off
this delay from T1.
Furthermore, this delay will vary depending on the MCU clock frequency (fcpu), which will
vary according to the junction temperature and the supply voltage level. So, a method is
required to remove the code delay whatever fcpu is.
First, we know that the oscillator frequency is divided by 13 to drive the CPU core.
Therefore, “N” CPU cy-cles last 13xN/fcpu seconds.
Secondly, the CPU oscillator frequency is divided by 12 to drive the Timer, and then divided
by the division factor programmed in the TSCR register. In our case, the division factor is 32
during the main program loop. Therefore, one unit timer counter equals 12x32/fcpu. Based
on the previous formula, we can easily convert N cycles code execution time to the timer
counter value (Tcode), as shown below.
For example, the length of the code time for 47 cycles approximately equals one unit of the
timer counter. Then, one must be subtracted from T1 in order to rectify the gate current
pulse delay from the code execution delay.
For T2 and T3, it does not matter if the code execution delay is removed or not. Indeed, it is
not a problem that the gate current pulses last longer.
For T4, it is important to begin the current measure at the right time. The 98 cycles must
then be subtracted from T4. This leads to subtract 3 from the TSCR register value.
When the half-cycle duration is calculated, the code execution time must also be added to
T50Hz. As 110 cycles are performed, 4 must be added to the T50Hz value.
Tx =
T50Hz x Dx
256
x
Tcode =
= N x
N x 13
13
12 x 13
fcpu
384
fcpu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com