Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2053 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2053
Description  Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2053_15 Datasheet HTML 3Page - Linear Technology LTC2053_15 Datasheet HTML 4Page - Linear Technology LTC2053_15 Datasheet HTML 5Page - Linear Technology LTC2053_15 Datasheet HTML 6Page - Linear Technology LTC2053_15 Datasheet HTML 7Page - Linear Technology LTC2053_15 Datasheet HTML 8Page - Linear Technology LTC2053_15 Datasheet HTML 9Page - Linear Technology LTC2053_15 Datasheet HTML 10Page - Linear Technology LTC2053_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LTC2053/LTC2053-SYNC

2053syncfc
INPUT COMMON MODE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2053 G16
2.5
3.0
40
30
20
10
0
–10
–20
–30
–40
VS = 3V
VREF = 0V
R+ = R= RS
CIN > 1µF
G = 10
TA = 25°C
RS = 15k
RS = 10k
RS = 5k
+
RS
RS
BIG CIN
INPUT COMMON MODE VOLTAGE (V)
0
70
50
30
10
–10
–30
–50
–70
1
2
3
4
2053 G17
5
VS = 5V
VREF = 0V
R+ = R= RS
CIN > 1µF
G = 10
TA = 25°C
RS = 500
RS = 10k
RS = 1k
RS = 5k
INPUT COMMON MODE VOLTAGE (V)
2053 G18
80
60
40
20
0
–20
–40
–60
–80
VS = ±5V
VREF = 0V
R+ = R= RS
CIN > 1µF
G = 10
TA = 25°C
–5
–3
–1
1
3
5
RS = 500
RS = 10k
RS = 1k
RS = 5k
INPUT COMMON MODE VOLTAGE (V)
2053 G19
200
150
100
50
0
–50
–100
–150
–200
0
0.5
1.0
1.5
2.0
2.5
3.0
VS = 3V
VREF = 0V
TA = 25°C
+
R+
R
BIG CIN
R+ = 0k, R= 1k
R+ = 1k, R= 0k
R+ = 0k, R= 500
R+ = 0k, R= 100
R+ = 500, R= 0k
R+ = 100, R= 0k
INPUT COMMON MODE VOLTAGE (V)
2053 G20
200
150
100
50
0
50
–100
–150
–200
00
1
2
3
4
5
VS = 5V
VREF = 0V
TA = 25°C
R+ = 0k, R= 1k
R+ = 1k, R= 0k
R+ = 0k, R= 500
R+ = 0k, R= 100
R+ = 500, R= 0k
R+ = 100, R= 0k
–5
–3
–1
1
3
5
INPUT COMMON MODE VOLTAGE (V)
2053 G21
150
100
50
0
–50
–100
–150
VS = ±5V
VREF = 0V
TA = 25°C
R+ = 0k, R= 1k
R+ = 1k, R= 0k
R+ = 0k, R= 100
R+ = 0k, R= 500
R+ = 100, R= 0k
R+ = 500, R= 0k
–50
80
60
40
20
0
–20
–40
–60
–80
TEMPERATURE (°C)
100
2053 G22
0
50
–25
25
75
125
VS = 3V
VS = ±5V
VS = 5V
VREF (V)
0
30
20
10
0
–10
–20
–30
2053 G23
1
2
3
4
VS = 3V
VS = 5V
VIN+ = VIN– = REF
G = 10
TA = 25°C
0
2
4
5
9
1
3
6
7
8
VREF (V)
60
40
20
0
–20
–40
–60
2053 G24
VS = 10V
VIN+ = VIN– = REF
G = 10
TA = 25°C
Typical perForMance characTerisTics
Error Due to Input RS Mismatch
vs Input Common Mode (CIN >1µF)
Error Due to Input RS Mismatch
vs Input Common Mode (CIN >1µF)
Error Due to Input RS Mismatch
vs Input Common Mode (CIN >1µF)
Offset Voltage vs Temperature
VOS vs REF (Pin 5)
VOS vs REF (Pin 5)
Error Due to Input RS vs Input
Common Mode (CIN > 1µF)
Error Due to Input RS vs Input
Common Mode (CIN > 1µF)
Error Due to Input RS vs Input
Common Mode (CIN > 1µF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com