Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2053 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2053
Description  Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2053_15 Datasheet HTML 5Page - Linear Technology LTC2053_15 Datasheet HTML 6Page - Linear Technology LTC2053_15 Datasheet HTML 7Page - Linear Technology LTC2053_15 Datasheet HTML 8Page - Linear Technology LTC2053_15 Datasheet HTML 9Page - Linear Technology LTC2053_15 Datasheet HTML 10Page - Linear Technology LTC2053_15 Datasheet HTML 11Page - Linear Technology LTC2053_15 Datasheet HTML 12Page - Linear Technology LTC2053_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LTC2053/LTC2053-SYNC

2053syncfc
SUPPLY VOLTAGE (V)
2.5
10.5
2053 G33
4.5
6.5
8.5
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
TA = –55°C
TA = 85°C
TA = 125°C
TA = 0°C
SETTLING ACCURACY (%)
0.0001
2053 G34
0.001
0.01
0.1
8
7
6
5
4
3
2
1
0
VS = 5V
dVOUT = 1V
G < 100
TA = 25°C
GAIN (V/V)
1
35
30
25
20
15
10
5
0
10
100
1000
10000
2053 G35
VS = 5V
dVOUT = 1V
0.1% ACCURACY
TA = 25°C
SUPPLY VOLTAGE (V)
2.5
10.5
2053 G36
4.5
6.5
8.5
3.40
3.35
3.30
3.25
3.20
3.15
3.10
TA = –55°C
TA = 85°C
TA = 125°C
TA = 25°C
pin FuncTions
EN (Pin 1, LTC2053 Only): Active Low Enable Pin.
CLK (Pin 1, LTC2053-SYNC Only): Clock input for Syn-
chronizing to External System Clock.
–IN (Pin 2): Inverting Input.
+IN (Pin 3): Noninverting Input.
V(Pin 4): Negative Supply.
REF (Pin 5): Voltage Reference (VREF) for Amplifier
Output.
RG (Pin 6): Inverting Input of Internal Op Amp. See
Figure 1.
OUT (Pin 7): Amplifier Output. See Figure 1.
V+ (Pin 8): Positive Supply.
Typical perForMance characTerisTics
Settling Time vs Gain
Internal Clock Frequency
vs Supply Voltage
Supply Current vs Supply Voltage
Low Gain Settling Time
vs Settling Accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com