Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2053 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2053
Description  Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053 Datasheet(HTML) 1 Page - Linear Technology

  LTC2053_15 Datasheet HTML 1Page - Linear Technology LTC2053_15 Datasheet HTML 2Page - Linear Technology LTC2053_15 Datasheet HTML 3Page - Linear Technology LTC2053_15 Datasheet HTML 4Page - Linear Technology LTC2053_15 Datasheet HTML 5Page - Linear Technology LTC2053_15 Datasheet HTML 6Page - Linear Technology LTC2053_15 Datasheet HTML 7Page - Linear Technology LTC2053_15 Datasheet HTML 8Page - Linear Technology LTC2053_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC2053/LTC2053-SYNC

2053syncfc
Typical applicaTion
FeaTures
DescripTion
Precision, Rail-to-Rail,
Zero-Drift, Resistor-Programmable
Instrumentation Amplifier
The LTC®2053 is a high precision instrumentation ampli-
fier. The CMRR is typically 116dB with a single or dual
5V supply and is independent of gain. The input offset
voltage is guaranteed below 10µV with a temperature
drift of less than 50nV/°C. The LTC2053 is easy to use;
the gain is adjustable with two external resistors, like a
traditional op amp.
The LTC2053 uses charge balanced sampled data tech-
niques to convert a differential input voltage into a single
ended signal that is in turn amplified by a zero-drift op-
erational amplifier.
The differential inputs operate from rail-to-rail and the
single-ended output swings from rail-to-rail. The LTC2053
can be used in single-supply applications, as low as 2.7V.
It can also be used with dual ±5.5V supplies. The LTC2053
requires no external clock, while the LTC2053-SYNC has
a CLK pin to synchronize to an external clock.
The LTC2053 is available in an MS8 surface mount pack-
age. For space limited applications, the LTC2053 is avail-
able in a 3mm × 3mm × 0.8mm dual fine pitch leadless
package (DFN).
Typical Input Referred Offset vs Input
Common Mode Voltage (VS = 3V)
applicaTions
n
116dB CMRR Independent of Gain
n
Maximum Offset Voltage: 10µV
n
Maximum Offset Voltage Drift: 50nV/°C
n
Rail-to-Rail Input
n
Rail-to-Rail Output
n
2-Resistor Programmable Gain
n
Supply Operation: 2.7V to ±5.5V
n
Typical Noise: 2.5µVP-P (0.01Hz to 10Hz)
n
Typical Supply Current: 750µA
n
LTC2053-SYNC Allows Synchronization to
External Clock
n
Available in MS8 and 3mm × 3mm × 0.8mm
DFN Packages
n
Thermocouple Amplifiers
n
Electronic Scales
n
Medical Instrumentation
n
Strain Gauge Amplifiers
n
High Resolution Data Acquisition
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Differential Bridge Amplifier
+
LTC2053
2
3
7
8
0.1µF
3V
R < 10k
1, 4
5
6
R2 10k
2053 TA01
OUT
0.1µF
R1
10
GAIN = 1+
R2
R1
INPUT COMMON MODE VOLTAGE (V)
0
15
10
5
0
–5
–10
–15
0.5
1.0
1.5
2.0
2053 TA01b
2.5
3.0
VS = 3V
VREF = 0V
TA = 25°C
G = 1000
G = 100
G = 10
G = 1


Similar Part No. - LTC2053_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
More results

Similar Description - LTC2053_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2053 LINER-LTC2053 Datasheet
288Kb / 12P
Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
logo
Analog Devices
AD8230 AD-AD8230 Datasheet
400Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
10/04-Revision 0
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
logo
Linear Technology
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA188 TI1-INA188 Datasheet
1Mb / 37P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com