Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2053 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2053
Description  Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053 Datasheet(HTML) 5 Page - Linear Technology

  LTC2053_15 Datasheet HTML 1Page - Linear Technology LTC2053_15 Datasheet HTML 2Page - Linear Technology LTC2053_15 Datasheet HTML 3Page - Linear Technology LTC2053_15 Datasheet HTML 4Page - Linear Technology LTC2053_15 Datasheet HTML 5Page - Linear Technology LTC2053_15 Datasheet HTML 6Page - Linear Technology LTC2053_15 Datasheet HTML 7Page - Linear Technology LTC2053_15 Datasheet HTML 8Page - Linear Technology LTC2053_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC2053/LTC2053-SYNC

2053syncfc
INPUT COMMON MODE VOLTAGE (V)
0
15
10
5
0
–5
–10
–15
0.5
1.0
1.5
2.0
2053 G01
2.5
3.0
VS = 3V
VREF = 0V
TA = 25°C
G = 1000
G = 100
G = 10
G = 1
INPUT COMMON MODE VOLTAGE (V)
0
15
10
5
0
–5
–10
–15
1
2
3
4
2053 G02
5
VS = 5V
VREF = 0V
TA = 25°C
G = 1000
G = 100
G = 10
G = 1
INPUT COMMON MODE VOLTAGE (V)
–5
20
15
10
5
0
–5
–10
–15
–20
–3
–1
1
3
2053 G03
5
VS = ±5V
VREF = 0V
TA = 25°C
G = 1000
G = 10
G = 1
G = 100
INPUT COMMON MODE VOLTAGE (V)
20
15
10
5
0
–5
–10
–15
–20
2053 G04
0
0.5
1.0
1.5
2.0
2.5
3.0
VS = 3V
VREF = 0V
G = 10
TA = 25°C
TA = 85°C
TA = 70°C
TA = –55°C
INPUT COMMON MODE VOLTAGE (V)
0
20
15
10
5
0
–5
–10
–15
–20
1
2
3
4
2053 G05
5
VS = 5V
VREF = 0V
G = 10
TA = 25°C
TA = 85°C
TA = –55°C
TA = 70°C
INPUT COMMON MODE VOLTAGE (V)
–5
20
15
10
5
0
–5
–10
–15
–20
–3
–1
1
3
2053 G06
5
VS = ±5V
VREF = 0V
G = 10
TA = 25°C
TA = 85°C
TA = –55°C
TA = 70°C
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: These parameters are guaranteed by design. Thermocouple effects
preclude measurement of these voltage levels in high speed automatic
test systems. VOS is measured to a limit determined by test equipment
capability.
Note 3: If the total source resistance is less than 10k, no DC errors result
from the input bias currents or the mismatch of the input bias currents or
the mismatch of the resistances connected to –IN and +IN.
elecTrical characTerisTics
Note 4: The CMRR with a voltage gain, AV, larger than 10 is 120dB (typ).
Note 5: At temperatures above 70°C, the common mode rejection ratio
lowers when the common mode input voltage is within 100mV of the
supply rails.
Note 6: The power supply rejection ratio (PSRR) measurement accuracy
depends on the proximity of the power supply bypass capacitor to the
device under test. Because of this, the PSRR is 100% tested to relaxed
limits at final test. However, their values are guaranteed by design to meet
the data sheet limits.
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
Typical perForMance characTerisTics
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com