Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2053 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2053
Description  Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2053_15 Datasheet HTML 2Page - Linear Technology LTC2053_15 Datasheet HTML 3Page - Linear Technology LTC2053_15 Datasheet HTML 4Page - Linear Technology LTC2053_15 Datasheet HTML 5Page - Linear Technology LTC2053_15 Datasheet HTML 6Page - Linear Technology LTC2053_15 Datasheet HTML 7Page - Linear Technology LTC2053_15 Datasheet HTML 8Page - Linear Technology LTC2053_15 Datasheet HTML 9Page - Linear Technology LTC2053_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC2053/LTC2053-SYNC

2053syncfc
INPUT COMMON MODE VOLTAGE (V)
60
40
20
0
–20
–40
–60
2053 G07
0
0.5
1.0
1.5
2.0
2.5
3.0
H-GRADE PARTS
VS = 3V
VREF = 0V
G = 10
TA = 25°C
TA = 85°C
TA = 125°C
INPUT COMMON MODE VOLTAGE (V)
0
60
40
20
0
–20
–40
–60
2053 G08
0
1
2
3
4
5
H-GRADE PARTS
VS = 5V
VREF = 0V
G = 10
TA = 25°C
TA = 85°C
TA = 125°C
INPUT COMMON MODE VOLTAGE (V)
–5
–3
–1
1
3
2053 G09
5
100
80
60
40
20
0
–20
–40
–60
–80
–100
H-GRADE PARTS
VS = ±5V
VREF = 0V
G = 10
TA = 25°C
TA = 85°C
TA = 125°C
INPUT COMMON MODE VOLTAGE (V)
0
60
40
20
0
–20
–40
–60
0.5
1.0
1.5
2.0
2053 G10
2.5
3.0
VS = 3V
VREF = 0V
R+ = R= RS
CIN < 100pF
G = 10
TA = 25°C
RS = 0k
RS = 20k
RS = 10k
RS = 5k
+
RS
RS
SMALL CIN
RS = 15k
INPUT COMMON MODE VOLTAGE (V)
0
30
20
10
0
–10
–20
–30
1
2
3
4
2053 G11
5
VS = 5V
VREF = 0V
R+ = R= RS
CIN < 100pF
G = 10
TA = 25°C
RS = 20k
RS = 15k
RS = 10k
RS = 5k
–5
–3
–1
1
3
5
INPUT COMMON MODE VOLTAGE (V)
2053 G12
25
20
15
10
5
0
–5
–10
–15
–20
–25
VS = ±5V
VREF = 0V
R+ = R= RS
CIN < 100pF
G = 10
TA = 25°C
RS = 20k
RS = 15k
RS = 10k
INPUT COMMON MODE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2053 G13
2.5
3.0
50
40
30
20
10
0
–10
–20
–30
–40
–50
VS = 3V
VREF = 0V
CIN < 100pF
G = 10
TA = 25°C
R+ = 0k, R= 10k
R+ = 0k, R= 15k
R+ = 0k, R= 5k
+
R+
R
SMALL CIN
R+ = 15k, R= 0k
R+ = 5k, R= 0k
R+ = 10k, R= 0k
INPUT COMMON MODE VOLTAGE (V)
0
1
2
3
4
2053 G14
5
40
30
20
10
0
–10
–20
–30
–40
VS = 5V
VREF = 0V
CIN < 100pF
G = 10
TA = 25°C
RIN+ = 0k, RIN– = 20k
RIN+ = 0k, RIN– = 15k
RIN+ = 0k, RIN– = 10k
RIN+ = 15k, RIN– = 0k
RIN+ = 10k, RIN– = 0k
RIN+ = 20k, RIN– = 0k
INPUT COMMON MODE VOLTAGE (V)
2053 G15
40
30
20
10
0
–10
–20
–30
–40
VS = ±5V
VREF = 0V
CIN < 100pF
G = 10
TA = 25°C
R+ = 0k, R= 15k
R+ = 0k, R= 20k
R+ = 15k, R= 0k
R+ = 20k, R= 0k
–5
–3
–1
1
3
5
Typical perForMance characTerisTics
Error Due to Input RS vs Input
Common Mode (CIN < 100pF)
Error Due to Input RS vs Input
Common Mode (CIN < 100pF)
Error Due to Input RS vs Input
Common Mode (CIN < 100pF)
Error Due to Input RS Mismatch vs
Input Common Mode (CIN < 100pF)
Error Due to Input RS Mismatch vs
Input Common Mode (CIN < 100pF)
Error Due to Input RS Mismatch vs
Input Common Mode (CIN < 100pF)
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com