Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2053 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2053
Description  Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2053_15 Datasheet HTML 4Page - Linear Technology LTC2053_15 Datasheet HTML 5Page - Linear Technology LTC2053_15 Datasheet HTML 6Page - Linear Technology LTC2053_15 Datasheet HTML 7Page - Linear Technology LTC2053_15 Datasheet HTML 8Page - Linear Technology LTC2053_15 Datasheet HTML 9Page - Linear Technology LTC2053_15 Datasheet HTML 10Page - Linear Technology LTC2053_15 Datasheet HTML 11Page - Linear Technology LTC2053_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC2053/LTC2053-SYNC

2053syncfc
OUTPUT VOLTAGE (V)
–2.4
10
8
6
4
2
0
–2
–4
–6
–8
–10
–1.4
–0.4 0.1
2053 G25
–1.9
–0.9
0.6 1.1 1.6
VS = ±2.5V
VREF = 0V
G = 1
RL = 10k
TA = 25°C
OUTPUT VOLTAGE (V)
–2.4
10
8
6
4
2
0
–2
–4
–6
–8
–10
–1.4
–0.4
2053 G26
0.6
1.6
2.6
VS = ±2.5V
VREF = 0V
G = 10
RL = 10k
TA = 25°C
FREQUENCY (Hz)
1
130
120
110
100
90
80
70
10
100
1000
2053 G27
VS = 3V, 5V, ±5V
VIN = 1VP-P
R+ = R= 1k
R+ = R= 10k
R+ = 10k, R= 0k
+
R+
R
R+ = 0k, R= 10k
FREQUENCY (Hz)
1
300
250
200
150
100
50
0
10
100
1000
10000
2053 G28
G = 10
TA = 25°C
VS = ±5V
VS = 5V
VS = 3V
TIME (s)
0
3
2
1
0
–1
–2
–3
2
4
6
8
2053 G29
10
VS = 3V
TA = 25°C
TIME (s)
0
3
2
1
0
–1
–2
–3
2
4
6
8
2053 G30
10
VS = 5V
TA = 25°C
OUTPUT CURRENT (mA)
0.01
0.1
1
10
2053 G31
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
TA = 25°C
VS = 5V, SOURCING
VS = 3V, SOURCING
VS = 5V, SINKING
VS = 3V, SINKING
SOURCING
SINKING
OUTPUT CURRENT (mA)
0.01
0.1
1
10
2053 G32
5
4
3
2
1
0
–1
–2
–3
–4
–5
VS = ±5V
TA = 25°C
Typical perForMance characTerisTics
Input Voltage Noise Density
vs Frequency
Input Referred Noise in
10Hz Bandwidth
Input Referred Noise in
10Hz Bandwidth
Output Voltage Swing
vs Output Current
Output Voltage Swing
vs Output Current
Gain Nonlinearity, G = 1
Gain Nonlinearity, G = 10
CMRR vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com